Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7130
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 19Page - Analog Devices LTC7130 Datasheet HTML 20Page - Analog Devices LTC7130 Datasheet HTML 21Page - Analog Devices LTC7130 Datasheet HTML 22Page - Analog Devices LTC7130 Datasheet HTML 23Page - Analog Devices LTC7130 Datasheet HTML 24Page - Analog Devices LTC7130 Datasheet HTML 25Page - Analog Devices LTC7130 Datasheet HTML 26Page - Analog Devices LTC7130 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
23 of 35
Figure 36. External Compensation Network
Select the proper ITH components for OPTI-LOOP® optimization. The compensation network is shown in Figure 36.
The RC filter sets the dominant pole-zero loop compensation. The gain of the loop increases with the RITH and the
bandwidth of the loop increases with decreasing CITH. If RITH is increased by the same factor that CITH is decreased, the
zero frequency is kept the same, thereby keeping the phase the same in most critical frequency ranges of the
feedback loop.
For a 1MHz application, an R-C network of 470pF and 10kΩ provides a good starting point. A 4.7pF bypass capacitor,
CITHP, on the ITH pin is recommended to filter out high frequency coupling from stray board capacitance. Table 6
provides a basic guideline for the compensation values to use, given the frequency of the part. Slight tweaks to those
values may be required depending on the application's required output capacitance.
Table 6. Compensation Values
Frequency
RITH
CITH
CITHP
500kHz
15k
470pF
4.7pF
700kHz
10k
470pF
4.7pF
1MHz
10k
470pF
4.7pF
1.5MHz
10k
470pF
4.7pF
2MHz
10k
220pF
4.7pF
Checking Transient Response
The OPTI-LOOP compensation allows the transient response to be optimized for a wide range of loads and output
capacitors. The availability of the ITH pin not only allows for optimization of the control loop behavior but also
provides a DC-coupled and AC-filtered closed loop response test point. The DC step, rise time, and settling at this test
point truly reflects these close loop response. Assuming a predominantly second order system, phase margin and/or
damping factor can be estimated using the percentage of overshoot seen at this pin.
The ITH external component shown in the Table 6 circuit provides an adequate starting point for most applications.
The RC filter sets the dominant pole-zero loop compensation. The values can be modified slightly (from 0.5 to 2 times
their suggested value) to optimize transient response once the final PC layout is done and the output capacitor type
and value are determined. Select the output capacitors because their various types and values determine the loop
feedback factor gain and phase. In addition, add a feedforward capacitor CFF to improve the high frequency response,
as shown in Figure 33. Capacitor CFF provides phase lead by creating a high frequency zero with R2, which improves
the phase margin.
An output current pulse of 20% to 100% of full load current having a rise time of ~1μs produces output voltage and
ITH pin waveforms that give a sense of the overall loop stability without breaking the feedback loop. Switching
regulators may take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately
shifts by an amount equal to the ΔILOAD x ESR, where ESR is the effective series resistance of COUT. ΔILOAD also begins to
RITH
ITH
CITHP
CITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com