Electronic Components Datasheet Search
  English  ▼

X  

M66290AFP Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66290AFP Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M66290AFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
39
Set the maximum data size (Byte) to transmit/receive in one packet
transfer.
Set the value of wMaxPacketSize in request.
When this bit is set to "1", FIFO data register becomes 8-bit mode and
when accessed "FIFO Data Register" of endpoint, lower 8bit[7:0]
becomes effective.
When transmit odd number of byte, it is needed to write in 8-bit mode.
When read in 8-bit mode, set to 8-bit mode before data receive.
When the selected endpoint is set to OUT and if this bit is set to "1",
OUT buffer effective flag and read data (number of byte) is cleared.
In this state(OUT buffer does not become effective state), SIE side
writes data from host into OUT buffer but CPU side does not read.
When set this bit to "1", whatever the transfer direction is, endpoint
buffer (all buffer of single/double buffer) are cleared.
When clear the endpoint buffer, set this bit to "1" and then set again to "0".
To set this bit as "1", Null data addition transmit mode is set .
In the endpoint which is set to continuous transmit mode, when
write a multiple data of maximum packet size into buffer and transmit,
Null data is transmitted automatically after transmitted the last packet.
This setting is effective when continuous transmit mode is set.
Set response PID.
00 : NAK
Whatever the buffer state is, do NAK handshake.
01 : BUF
Response PID is selected according to the state of buffer
and sequence toggle bit. (In bulk/interrupt transfer, one of
ACK, NAK, DATA0, and DATA1)
1x : STALL Do STALL handshake.
If the transfer direction of selected endpoint is OUT, when received
data which exceeded maximum packet size (MXPS), it becomes
"1x" (=STALL) automatically.
Bit
Bit
Name
Name
Function
Reset
-
-
0
W/R
Null data
addition
transmit mode
-
-
040h
W/R
-
-
0
W/R
-
-
0
W/R
-
-
0
W/R
-
-
00
W/R
10
EPi_
NULMD
EPi_
ACLR
Set the access mode to endpoint buffer.
0 : CPU access mode
1 : DMA transfer mode
Max Packet size
EPi_
MXPS
[9:0]
FIFO access
8 bit mode
EPi_Octl
OUT buffer
automatic
clear mode
DMA transfer mode
EPi_
DMAMD
Response PID
EPi_
PID
[1:0]
11
12
9 to 0
13
15, 14
W/R
USB
S/W
H/W
NULMD
DMAMD
EPi_MXPS[9:0]
Octl
ACLR
EPi_PID[1:0]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14
(4-8) EPi Configuration Register 1 ( i=1 to 5 )
(Address : EP1=62h, EP2=66h, EP3=6Ah, EP4=6Eh, EP5=72h)
The EPi configuration register 1 must be set in a state of response PID is NAK("00").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com