Electronic Components Datasheet Search
  English  ▼

X  

M66290AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66290AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66290AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
1
DESCRIPTION
The M66290A is a general purpose USB (Univ ersal Serial
Bus)
dev ice
controller
compatible
with
the
USB
specif ication v ersion 1.1 and corresponds to f ull speed
transf er. Built-in transceiv er circuits meet all transf er ty pe
which is def ined in USB.
M66290A has FIFO of 3k By tes f or data transf er and can
set 6 endpoints (maximum).
Each endpoint can be set programmable of its transf er
condition, so can correspond to each dev ice class transf er
sy stem of USB.
FEATURES
· USB specif ication 1.1 compliant
· Built-in USB transceiv er circuit
· Supports Full Speed (12 Mbps) transmission
· Supports all f our USB transf er ty pe :
· Control transf er
· Bulk transf er
· Isochronous transf er
· Interrupt transf er
· Built-in FIFO (3 KBy tes) f or Endpoint
· Up to 6 endpoint (EP0 to EP5) selectable
Outline
M66290AGP:48P6Q-A(LQFP)
M66290AFP:48P6X-A(TQFP)
· Data transf er condition selectable f or each
Endpoints (EP1 to EP5)
· Data transf er ty pe
(Bulk, Isochronous and Interrupt)
· Transf er direction (IN/OUT)
· Buff er size of FIFO (maximum 1024 By tes)
· Double (Toggle) buff er conf iguration
· Continuous transf er mode
(Buff ering up to 1 KBy teX2)
· Max packet size
· Supports 4 input clock f requencies
· Input clock : 6/12/24/48 MHz
· Built-in PLL which has an oscillation buff er
and outputs at 48 MHz
· Supports both 8-bit and 16-bit DMA transf ers
· 16-bit CPU bus interf ace
· 3.3V single power source
· Built-in JTAG
APPLICATION
· Printer , Scanner , DSC , DVC
· PC camera , Multimedia speaker , Terminal adapter etc.
· Support all PC peripheral using Full Speed USB
37
38
39
40
41
42
43
44
45
46
47
48
23
22
21
20
19
18
17
16
15
14
13
M66290AFP
24
Xout
VCC
GND
Xin
A1
A2
A3
A4
A5
A6
D0
D1
OSCILLAT OR OUTP UT
D12
D13
D14
D15
INT
RD
WR
RST
CS
Dreq
Dack
TEST2
TEST2 INPUT
INTE RRUPT
DMA REQUEST
DMA ACKNOWLEDGE
c MITSUBISHI ELECTRIC CORPORATION
Ver.1.0 Oct. 27, 2000
PIN CONFIGURATION
(TOP VIEW)
ADDRESS BUS
DATA BUS
WRITE ST ROBE
READ STROBE
CHIP SELECT
RESET
DATA BUS
OSCILLAT OR INPUT
M66290AGP
OR


Similar Part No. - M66290AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66290AFP RENESAS-M66290AFP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
More results

Similar Description - M66290AFP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com