Electronic Components Datasheet Search
  English  ▼

X  

M66290AFP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66290AFP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M66290AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
13
Endpoint5-0 buffer
ready
interrupt enable
Reset
Name
Bit
Name
Bit
If this bit is "1", then the CTRT flag is set when shifted to status stage
in control write transfer.
-
0
0
W/R
Control write
transfer status
stage
WDST
Endpoint5-0 buffer
empty/size error
interrupt enable
-
0
0
W/R
0 : Disable
1 : Enable
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
-
0
0
W/R
Control transfer
sequence error
If this bit is "1", then the CTRT flag is set when control transfer
completed (when the status stage completed normally).
Control transfer
complete
0 : Disable
1 : Enable
If this bit is "1", then the CTRT flag is set when shifted to status stage
in control read transfer.
Control read
transfer status
stage
If this bit is "1", then the DVST flag is set when detected suspend.
Suspend
detect
If this bit is "1", then the DVST flag is set after executed SetConfigration.
Set Configration
execute
If this bit is "1", then the DVST flag is set after executed SetAddress.
Set Address
execute
If this bit is "1", then the DVST flag is set when detected USB reset.
USB reset detect
0 : Disable
1 : Enable
Endpoint5-0 buffer
not ready
interrupt enable
0 : Disable
1 : Enable
1
2
3
4
5
6
7
8
CMPL
RDST
SUSP
SCFG
SADR
URST
INTRE
INTNE
0
9
10
11
12
13
14
SERR
If this bit is "1" then the CTRT flag is set when error
occurred in the sequence of control transfer.
BEMPE
0 : Disable
1 : Enable
Control transfer
interrupt enable
CTRE
0 : Disable
1 : Enable
Device state
interrupt enable
DVSE
SOF interrupt
enable
SOFE
0 : Disable
1 : Enable
Resume interrupt
enable
RSME
-
0
0
W/R
0 : Disable
1 : Enable
VBSE
15
Vbus interrupt
enable
Function
W/R
USB
S/W
H/W
WDST
BEMPE
RDST
INTNE
CTRE
SERR
CMPL
SUSP
SCFG
SADR
URST
INTRE
DVSE
SOFE
RSME
VBSE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14
(2-1) Interrupt Enable Register 0 (Address : 10h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com