| Electronic Components Datasheet Search |
|
M66290AFP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M66290AFP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor |
|
21 / 53 page ![]() USB DEVICE CONTROLLER M66290AGP/FP MITSUBISHI <DIGITAL ASSP> 21 Setup token OUT token OUT token OUT token OUT token OUT token IN token IN token IN token Data packet Null data packet NAK Data packet Data packet Data packet Data packet Data packet NAK ACK NAK NAK ACK ACK ACK ACK Setup stage Data stage Status stage INT1 INT1: CTRT interrupt (setup stage completion) Read EP0 request and conf irm the contents of request. INT2 INT2: CTRT interrupt (control write transf er status stage shif t) Conf irm the number of by te of receiv ed data and read the receiv ed data. By receiv ing SETUP token packet, response PID of EP0 is set to NAK automatically. By the set of response PID to BUF (buff er control), data receiv e starts. By the set of CCPL, transmit the Null data. Interrupt, which is occurred by control write transf er status stage shif t and by control transf er completion is diff erent by interrupt enable setting. (1) Continuous receive mode (control write transfer) Setup token IN token IN token IN token IN token IN token Data packet Null data packet Data packet Data packet ACK NAK NAK NAK ACK ACK Setup stage Data stage Status stage INT1 INT1: CTRT interrupt (setup stage completion) Read EP0 request and conf irm the contents of request. By receiv ing SETUP token packet, response PID of EP0 is set to NAK automatically. (2) Continuous transmit mode (control read transfer) OUT token Data packet IN token ACK ACK Executes transmit data write which is requested, set transmit data length, set response PID to BUF (buff er control), and data transmit is started. By the set of CCPL, ACK handshake is executed when receiv ed Null data. Interrupt which is occurred by control read transf er status stage shif t and by control transf er completion is diff erent by interrupt enable setting. Auto-response control function M66290A has auto-response f unction to dev ice state transition request (Set Address and Set Conf iguration)in control transf er. By the set of "Auto-response Control Register", auto-response mode to Set Address and to Set Conf iguration can be set indiv idually. If the auto-response mode is set, dev ice state transition request can be ended without occurring interrupt. Transf er direction of packet : Host to M66290A M66290A to Host Continuous transfer function M66290A has continuous transf er f unction to transmit/receiv e continuously of requested data which extend plural of transaction. If continuous transf er mode is set, it can transf er the transmit which data length is set to "EP0 Continuous Transmit Data Length Register", without occurring interrupt. Control read buff er can be set up to 256By tes at a unit of 64By tes. Control write buff er can receiv e continuously up to 255By tes, so secure the area of 256By tes. Abstract of control transfer operations Figure 4. shows examples of abstraction of control transf er operations. Figure 4. Examples of abstract of control transf er operations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |