Electronic Components Datasheet Search
  English  ▼

X  

M66290AFP Datasheet(PDF) 43 Page - Mitsubishi Electric Semiconductor

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66290AFP Datasheet(HTML) 43 Page - Mitsubishi Electric Semiconductor

Back Button M66290AFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M66290AFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
43
CL=50pF
ns
60
Dreq output enable time after control
td(CTRL-
Dreq)
ns
20
Dreq output enable time after Dack
td(Dackh-
Dreq)
30
30
ns
TDO output enable time after TCK
td(TCK-
TDOV)
ns
60
Dreq "H" pulse width
twh(Dreq)
ns
0
Data valid time after control
tv(CTRL)
ns
TDO output disable time after TCK
td(TCK-
TDOX)
INT "H" pulse width
320
twh(INT)
ns
60
INT disable propagation time
td(WR-INT)
ns
ns
60
Dreq disable propagation time
td(Dack-
0
0
Symbol
Parameter
Test condition
Limits
Unit
ns
ns
20
Data output disable time after control
tdis(CTRL)
20
Data output enable time after control
ten(CTRL)
ta(A)
30
Max.
Typ.
Min.
30
ns
ns
Control access time
Address access time
ta(CTRL)
83
ns
100
TRST "L" pulse width
tw(TRST)
30
ns
TRST "L" pulse width
td(CTRL-
Dack)
ns
20
TDI,TMS setup time
th(TDI-TCK)
ns
20
TDI,TMS setup time
tsu(TDI-TCK)
ns
40
TCK "L" pulse width
tw(TCKL)
ns
40
TCK "H" pulse width
tw(TCKH)
ns
100
TCK cycle time
tc(TCK)
ns
100
Control start time after RESET
tst(RST)
ns
100
RESET pulse width
tw(RST)
ns
200
FIFO access cycle time
tw(cycle)
ns
Control recovery time
trec(CTRL)
Unit
Limits
Test condition
Parameter
Symbol
0
0
tsu(A)
20
30
Max.
Typ.
Min.
30
ns
ns
ns
ns
ns
Data hold time
Data setup time
Control pulse width
Address hold time
Address setup time
th(D)
tsu(D)
tw(CTRL)
th(A)
SWITCHING CHARACTERISTICS
TIMING REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com