Electronic Components Datasheet Search
  English  ▼

X  

VS1010D Datasheet(PDF) 96 Page - VLSI Solution Oy

Part # VS1010D
Description  VS1010d - Mp3 Player IC with USB and SD card Interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1010D Datasheet(HTML) 96 Page - VLSI Solution Oy

Back Button VS1010D Datasheet HTML 90Page - VLSI Solution Oy VS1010D Datasheet HTML 91Page - VLSI Solution Oy VS1010D Datasheet HTML 92Page - VLSI Solution Oy VS1010D Datasheet HTML 93Page - VLSI Solution Oy VS1010D Datasheet HTML 94Page - VLSI Solution Oy VS1010D Datasheet HTML 95Page - VLSI Solution Oy VS1010D Datasheet HTML 96Page - VLSI Solution Oy VS1010D Datasheet HTML 97Page - VLSI Solution Oy VS1010D Datasheet HTML 98Page - VLSI Solution Oy  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
VS1010d Datasheet
12
DOCUMENT VERSION CHANGES
12
Document Version Changes
This chapter describes the latest and most important changes to this document.
Version 0.41, 2022-10-05
• Corrected example for how to calculate SPI_CC_CLKDIV in Chapter 11.8, SPI Peripher-
als.
• Added timing figure into Chapter 11.20, PWM: Pulse Width Modulation Unit.
• To make them easier to find, slightly changed names of several headers under Chap-
ter 11, VS1010d Peripherals and Registers.
• Changed register width for SP_LDATA_LSB and SP_RDATA_LSB from 9 to 8 bits in Chap-
ter 11.12.2, S/PDIF Receiver Registers.
• Changed description for register TIMER_ENA in Chapter 11.16, Timer Peripheral.
Version 0.40, 2022-05-09
• Type of pin GPLATE corrected from PWR to GND in Chapter 5.5, VS1010d LQFP-48 and
QFN-68 Pin Descriptions.
• Added mention that RTCVDD should never be connected to ground in Chapter 4.2, Rec-
ommended Operation Conditions.
• Changed example for SPI_CC_CLKDIV to more relevant and added multi-bit pins to
Chapter 11.8, SPI Peripherals.
Version 0.30, 2020-09-15
• Added example code for volume control in Chapter 11.7.2, Primary Audio Path Volume
Control.
• Replaced all instances of “ground buffer” with “common buffer”.
• Updated Chapter 9.1.1, Regulator Section and Chapter 9.1.3, Digital Section.
• Updated Chapter 5.7, PCB Layout Recommendations.
• Changed AVDD=3.6 V to 3.3 V and XTALO=12 MHz to 12.288 MHz in Chapter 4.3, Analog
Characteristics of Audio Outputs. Also changed “full-scale output sinewave” to “-3 dB of
full scale output sine wave”.
• Changed PWRBTN minimum startup voltage from 0.9 to 1.2 V in Chapter 4.5, Analog
Characteristics of Regulators.
• Added usage examples to GPIOx_SET_MASK and GPIOx_CLEAR_MASK in Chapter 11.11,
Interruptable General Purpose IO Ports 0-2.
• Renamed all instances of VQFN to QFN, including renaming Chapter 5.2, QFN-68 Pack-
age, Current.
• Combined LQFP-48 and QFN-68 pin descriptions to Chapter 5.5, VS1010d LQFP-48 and
QFN-68 Pin Descriptions.
• Added mention of XRESET pin limits to Chapter 4.1, Absolute Maximum Ratings.
• Updated schematic in Chapter 8, Example Schematic.
Version: 0.41, 2022-10-05
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com