Electronic Components Datasheet Search
  English  ▼

X  

VS1010D Datasheet(PDF) 40 Page - VLSI Solution Oy

Part # VS1010D
Description  VS1010d - Mp3 Player IC with USB and SD card Interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1010D Datasheet(HTML) 40 Page - VLSI Solution Oy

Back Button VS1010D Datasheet HTML 36Page - VLSI Solution Oy VS1010D Datasheet HTML 37Page - VLSI Solution Oy VS1010D Datasheet HTML 38Page - VLSI Solution Oy VS1010D Datasheet HTML 39Page - VLSI Solution Oy VS1010D Datasheet HTML 40Page - VLSI Solution Oy VS1010D Datasheet HTML 41Page - VLSI Solution Oy VS1010D Datasheet HTML 42Page - VLSI Solution Oy VS1010D Datasheet HTML 43Page - VLSI Solution Oy VS1010D Datasheet HTML 44Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
VS1010d Datasheet
11
VS1010D PERIPHERALS AND REGISTERS
INT_ENABLE[0/1]_[H/L]P registers), the interrupt controller generates an interrupt request sig-
nal for VSDSP with the corresponding vector value. The bit in the origin registers is reset
automatically after the interrupt is requested.
If the source is not enabled, the processor can read the origin register state and perform any
necessary actions without using interrupt generation, i.e. polling of the interrupt sources is also
possible. The bits in the interrupt origin registers can be cleared by writing ’1’ to them.
A read from the interrupt origin register returns the register state.
A write to the interrupt origin register clears the bits in the origin register that are set by the
write. In other words, writing b to INT_ORIGINx performs the logical operation
INT_ORIGINx = INT_ORIGINx and (not b).
Example:
If value for INT_ORIGIN0 is 0x00FF, writing 0xF00F to it will end up with
INT_ORIGIN0 = 0x00FF and (not 0xF00F) = 0x00FF and 0x0FF0 = 0x00F0.
11.4.4
Interrupt Vector INT_VECTOR
The last generated vector value (0..27) can be read from the vector register.
11.4.5
Interrupt Enable Counter INT_ENCOUNT
The global interrupt enable/disable register INT_ENCOUNT is used to control whether an in-
terrupt request is sent to the processor or not. If the 3-bit counter is zero, interrupt signal
generation is enabled. While it is non-zero, interrupt requests are not forwarded to VSDSP. The
counter is increased by one whenever the interrupt controller generates an interrupt request for
VSDSP, or when the register INT_GLOB_DIS is written to. It is decresed by one if it is non-zero
and the register INT_GLOB_ENA is written to.
When read, the enable counter register returns the counter value.
Don’t write directly to INT_ENCOUNT. Manipulate its value by writing to INT_GLOB_DIS and
INT_GLOB_ENA instead.
11.4.6
Interrupt Global Disable INT_GLOB_DIS
A write (of any value) to the global disable register increases the global interrupt enable/disable
counter INT_ENCOUNT by one, thus disabling interrupts.
Note: If an interrupt is generated during the same clock cycle as a write to the global disable
register, the interrupt enable counter is increased by two.
Version: 0.41, 2022-10-05
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com