Electronic Components Datasheet Search
  English  ▼

X  

VS1010D Datasheet(PDF) 73 Page - VLSI Solution Oy

Part # VS1010D
Description  VS1010d - Mp3 Player IC with USB and SD card Interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1010D Datasheet(HTML) 73 Page - VLSI Solution Oy

Back Button VS1010D Datasheet HTML 69Page - VLSI Solution Oy VS1010D Datasheet HTML 70Page - VLSI Solution Oy VS1010D Datasheet HTML 71Page - VLSI Solution Oy VS1010D Datasheet HTML 72Page - VLSI Solution Oy VS1010D Datasheet HTML 73Page - VLSI Solution Oy VS1010D Datasheet HTML 74Page - VLSI Solution Oy VS1010D Datasheet HTML 75Page - VLSI Solution Oy VS1010D Datasheet HTML 76Page - VLSI Solution Oy VS1010D Datasheet HTML 77Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
VS1010d Datasheet
11
VS1010D PERIPHERALS AND REGISTERS
11.11
GPIO: Interruptable General Purpose IO Ports 0-2
VS1010d has 3 general purpose IO ports that can operate either in GP mode or in perip mode.
In order to use pins as gpio the GPIOx_MODE registers must be cleared (default value).
GPIO port 0 is 11 bits wide, GPIO port 1 is 15 bits wide, and GPIO port 2 is 16 bits wide.
Interruptable General I/O GPIOx_ Base Addresses
GPIO Index
Address
Bits in Port
GPIO0
0xFCA0
10:0
GPIO1
0xFCC0
14:0
GPIO2
0xFCE0
15:0
Interruptable General I/O Registers
Reg
Type
Reset
Abbrev
Description
0
r/w
0
GPIOx_DDR
Data direction
1
r/w
0
GPIOx_ODATA
Data output
2
r
0
GPIOx_IDATA
Data input (I/O pin state)
3
r/w
0
GPIOx_INT_FALL
Falling edge interrupt enable
4
r/w
0
GPIOx_INT_RISE
Rising edge interrupt enable
5
r/w
0
GPIOx_INT_PEND
Interrupt pending source
6
w
0
GPIOx_SET_MASK
Data set (→ 1) mask
7
w
0
GPIOx_CLEAR_MASK
Data clear (→ 0) mask
8
r/w
0
GPIOx_BIT_CONF
Bit engine config 0 and 1
9
r/w
0
GPIOx_BIT_ENG0
Bit engine 0 read/write
10
r/w
0
GPIOx_BIT_ENG1
Bit engine 1 read/write
GPIOx_DDR register configure the directions of each of the 16 I/O pins. A bit set to 1 in the
DDR turns the corresponding I/O pin to output mode, while a bit set to 0 sets the pin to input
mode. The register is set to all zeros in reset, i.e. all pins are inputs by default. The current
state of the DDR can also be read.
GPIOx_ODATA register sets the GPIO pin high or low. Only pins that are configured as outputs
are affected.
GPIOx_IDATA monitiors the current state of a pin. The actual logical levels of the I/O pins are
seen in the input data register. Note: The pin state can be read even if the pin is in peripheral
mode (i.e. GPIOx_MODE[y] is set).
GPIOx_INT_RISE and GPIOx_INT_FALL configures an interrupt trigger edge. If a bit of the
falling edge interrupt enable register (GPIOx_INT_FALL) is set to 1, a falling edge in the cor-
responding pin (even when configured as output) will set the corresponding bit in the interrupt
pending source register (GPIOx_INT_PEND).
If a bit of the rising edge interrupt enable register (GPIOx_INT_RISE) is set to 1, a rising edge
in the corresponding pin (even when configured as output) will set the corresponding bit in the
interrupt pending source register (GPIOx_INT_PEND).
GPIOx_INT_PEND defines the source of a pending interrupt. If any of the bits in the interrupt
pending source register (GPIOx_INT_PEND) are set, an interrupt request is generated. Bits in
GPIOx_INT_PEND can be cleared by writing a 1-bit to the bit that is to be cleared.
Version: 0.41, 2022-10-05
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com