Electronic Components Datasheet Search
  English  ▼

X  

VS1010D Datasheet(PDF) 39 Page - VLSI Solution Oy

Part # VS1010D
Description  VS1010d - Mp3 Player IC with USB and SD card Interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1010D Datasheet(HTML) 39 Page - VLSI Solution Oy

Back Button VS1010D Datasheet HTML 35Page - VLSI Solution Oy VS1010D Datasheet HTML 36Page - VLSI Solution Oy VS1010D Datasheet HTML 37Page - VLSI Solution Oy VS1010D Datasheet HTML 38Page - VLSI Solution Oy VS1010D Datasheet HTML 39Page - VLSI Solution Oy VS1010D Datasheet HTML 40Page - VLSI Solution Oy VS1010D Datasheet HTML 41Page - VLSI Solution Oy VS1010D Datasheet HTML 42Page - VLSI Solution Oy VS1010D Datasheet HTML 43Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
VS1010d Datasheet
11
VS1010D PERIPHERALS AND REGISTERS
11.4.1
Interrupt Controller Registers
The interrupt controller has three type of registers:
• Enable registers, which contain enable/disable bits for each interrupt source. Bit pairs
configure the interrupt priority and disable.
• Origin registers, which contain the source flags for each interrupt. A request from an
interrupt source sets the corresponding bit. A bit is automatically reset when a request
for the source is generated.
• Enable counter register, which contains the value of the General Interrupt Enable counter,
and two registers for increasing and decreasing the value.
Interrupt Controller Registers
Address
Type
Reset
Abbrev
Description
0xFC02
r/w
0
INT_ENABLE0_HP
Interrupt enable high priority for ints. 0..15
0xFC00
r/w
0
INT_ENABLE0_LP
Interrupt enable low priority for ints 0..15
0xFC03
r/w
0
INT_ENABLE1_HP
Interrupt enable high priority for ints 16..27
0xFC01
r/w
0
INT_ENABLE1_LP
Interrupt enable low priority for ints 16..27
0xFC04
r/w
0
INT_ORIGIN0
Interrupt origin for interrupts 0..15
0xFC05
r/w
0
INT_ORIGIN1
Interrupt origin for interrupts 16..27
0xFC06
r
0
INT_VECTOR[4:0]
Interrupt vector
0xFC07
r/w
0
INT_ENCOUNT[2:0]
Interrupt enable counter
0xFC08
w
0
INT_GLOB_DIS[-]
Interrupt global disable
0xFC09
w
0
INT_GLOB_ENA[-]
Interrupt global enable
11.4.2
Interrupt Enable INT_ENABLE[0/1]_[H/L]P
Interrupt enable registers selectively masks interrupt sources. Enable registers 0 contain sources
0..15 and enable registers 1 contain sources 16..27. Each source has two enable bits: one in
the enable high priority (_HP) and one in the enable low priority (_LP) register. If both bits are
zero, the corresponding interrupt source is not enabled, otherwise the bits select the interrupt
priority.
_HP
_LP
Priority
0
0
Source disabled
0
1
Priority 1 (low)
1
0
Priority 2 (medium)
1
1
Priority 3 (high)
Priorities only matter when the interrupt controller decides which interrupt to generate for the
core next. This happens whenever two interrupt sources request interrupts at the same time,
or when interrupts become enabled after an interrupt handler routine or a part of code where
the interrupts have been disabled.
11.4.3
Interrupt Origin INT_ORIGIN[0/1]
If an interrupt source requests an interrupt, the corresponding bit in the interrupt origin regis-
ter (INT_ORIGIN0 or INT_ORIGIN1) will be set to ’1’. If an interrupt source is enabled (using
Version: 0.41, 2022-10-05
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com