Electronic Components Datasheet Search
  English  ▼

X  

VS1010D Datasheet(PDF) 46 Page - VLSI Solution Oy

Part # VS1010D
Description  VS1010d - Mp3 Player IC with USB and SD card Interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1010D Datasheet(HTML) 46 Page - VLSI Solution Oy

Back Button VS1010D Datasheet HTML 42Page - VLSI Solution Oy VS1010D Datasheet HTML 43Page - VLSI Solution Oy VS1010D Datasheet HTML 44Page - VLSI Solution Oy VS1010D Datasheet HTML 45Page - VLSI Solution Oy VS1010D Datasheet HTML 46Page - VLSI Solution Oy VS1010D Datasheet HTML 47Page - VLSI Solution Oy VS1010D Datasheet HTML 48Page - VLSI Solution Oy VS1010D Datasheet HTML 49Page - VLSI Solution Oy VS1010D Datasheet HTML 50Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
VS1010d Datasheet
11
VS1010D PERIPHERALS AND REGISTERS
ANA_CF1 Bits
Name
Bits
Description
15
Reserved, use ’0’
ANA_CF1_VHMON
14
Regulator input voltage monitor (VHIGH)
ANA_CF1_PWRBTN
13
Power button pin state
ANA_CF1_BTNDIS
12
Power button delayed-reset disable
11
Reserved, use ’1’
ANA_CF1_XTDIV
10
Input clock divider for 24.576 MHz XTALI oscillator
ANA_CF1_2G_ENA
9
2 GHz VCO enable
ANA_CF1_SAR_ENA
8
SAR power and enable
ANA_CF1_DRVL_ENA
7
DAC left driver power enable (pwr_drv)
ANA_CF1_DRVR_ENA
6
DAC right driver power enable
ANA_CF1_DRVGB_ENA
5
DAC common buffer driver power enable
ANA_CF1_DA_ENA
4
DAC power and enable (pwr_core)
ANA_CF1_DAGAIN_R
3:2
DAC right channel gain
ANA_CF1_DAGAIN_L
1:0
DAC left channel gain
ANA_CF1_VHMON register monitors the input voltage of the regulator (VHIGH). When input
voltage is too low (about 1.07xAVDD) this register is set.
ANA_CF1_PWRBTN register monitors the current state of the power button pin. It should be
noted that the power button can also be used as an interrupt source.
ANA_CF1_BTNDIS register disables the power button reset. When power button is pressed for
more then 5s, a system reset is generated. When ANA_CF1_BTNDIS register is set, no reset
is generated.
ANA_CF1_XTDIV is the input clock prescaler control register. When register is set the input
clock is divided by 2.
ANA_CF1_2G_ENA is an enable register for RF vco. When High Speed USB is used this clock
must be enabled.
ANA_CF1_SAR_ENA enables the 12-bit analog to digital convertter (SAR).
ANA_CF1_DRVL_ENA, ANA_CF1_DRVR_ENA, ANA_CF1_DRVGB_ENA and ANA_CF1_DA_ENA
are DAC power enable registers. For stereo mode they must all be set.
ANA_CF1_DAGAIN_R and ANA_CF1_DAGAIN_L control DAC gain level.
DAC Gain ANA_CF1_DAGAIN_L[1:0] and ANA_CF1_DAGAIN_R[1:0] Values
Name
Value
Gain
Description
ANA_CF1_DAGAIN_M6DB
3
-6 dB
2
-2 dB
Causes distortion in sound, do not use
ANA_CF1_DAGAIN_M12DB
1
-12 dB
ANA_CF1_DAGAIN_0DB
0
0 dB
ANA_CF3 register controls the RF vco operation.
Version: 0.41, 2022-10-05
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com