Electronic Components Datasheet Search
  English  ▼

X  

P1012AP13 Datasheet(PDF) 9 Page - ON Semiconductor

Part # P1012AP13
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP13 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button P1012AP13 Datasheet HTML 5Page - ON Semiconductor P1012AP13 Datasheet HTML 6Page - ON Semiconductor P1012AP13 Datasheet HTML 7Page - ON Semiconductor P1012AP13 Datasheet HTML 8Page - ON Semiconductor P1012AP13 Datasheet HTML 9Page - ON Semiconductor P1012AP13 Datasheet HTML 10Page - ON Semiconductor P1012AP13 Datasheet HTML 11Page - ON Semiconductor P1012AP13 Datasheet HTML 12Page - ON Semiconductor P1012AP13 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
9
Figure 16. The Charge/Discharge Cycle Over a 10
mF VCC Capacitor
Vcc
8.5 V
7.5 V
Device
Internally
Pulses
Startup Period
8.00
6.00
4.00
2.00
0
The protection burst duty−cycle can easily be computed
through the various timing events as portrayed by Figure 18.
Being loaded by the circuit consumption, the voltage on
the VCC capacitor goes down. When the DSS controller
detects that VCC has reached 7.5 V (VCCON), it activates the
internal current source to bring VCC toward 8.5 V and stops
again: a cycle takes place whose low frequency depends on
the VCC capacitor and the IC consumption. A 1.0 V ripple
takes place on the VCC pin whose average value equals
(VCCOFF + VCCON)/2. Figure 16 portrays a typical
operation of the DSS.
As one can see, the VCC capacitor shall be dimensioned to
offer an adequate startup time, i.e. ensure regulation is
reached before VCC crosses 7.5 V (otherwise the part enters
the fault condition mode). If we know that
DV = 1.0 V
and ICC1 (max) is 1.1 mA (for instance we selected an 11
W
device switching at 65 kHz), then the VCC capacitor can
be calculated using: C
w
ICC1 · tstartup
DV
(eq. 1) . Let’s
suppose that the SMPS needs 10 ms to startup, then we will
calculate C to offer a 15 ms period. As a result, C should be
greater than 20
mF thus the selection of a 33 mF/16 V
capacitor is appropriate.
Short Circuit Protection
The internal protection circuitry involves a patented
arrangement that permanently monitors the assertion of an
internal error flag. This error flag is, in fact, a signal that
instructs the controller that the internal maximum peak
current limit is reached. This naturally occurs during the
startup period (Vout is not stabilized to the target value) or
when the optocoupler LED is no longer biased, e.g. in a
short−circuit condition or when the feedback network is
broken. When the DSS normally operates, the logic checks
for the presence of the error flag every time VCC crosses
VCCON. If the error flag is low (peak limit not active) then
the IC works normally. If the error signal is active, then the
NCP101X immediately stops the output pulses, reduces its
internal current consumption and does not allow the startup
source to activate: VCC drops toward ground until it reaches
the so−called latch−off level, where the current source
activates again to attempt a new restart. When the error is
gone, the IC automatically resumes its operation. If the
default is still there, the IC pulses during 8.5 V down to 7.5 V
and enters a new latch−off phase. The resulting burst
operation guarantees a low average power dissipation and
lets the SMPS sustain a permanent short−circuit. Figure 17
shows the corresponding diagram.
Figure 17. Simplified NCP101X Short−Circuit
Detection Circuitry
−
+
4 V
FB
Division
Max
Ip
Flag
VCC VCCON
Signal
To
Latch
Reset
Current Sense
Information
Clamp
Active?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com