Electronic Components Datasheet Search
  English  ▼

X  

P1012AP13 Datasheet(PDF) 19 Page - ON Semiconductor

Part # P1012AP13
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP13 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button P1012AP13 Datasheet HTML 15Page - ON Semiconductor P1012AP13 Datasheet HTML 16Page - ON Semiconductor P1012AP13 Datasheet HTML 17Page - ON Semiconductor P1012AP13 Datasheet HTML 18Page - ON Semiconductor P1012AP13 Datasheet HTML 19Page - ON Semiconductor P1012AP13 Datasheet HTML 20Page - ON Semiconductor P1012AP13 Datasheet HTML 21Page - ON Semiconductor P1012AP13 Datasheet HTML 22Page - ON Semiconductor P1012AP13 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
19
Typical Application Examples
A 6.5 W NCP1012−Based Flyback Converter
Figure 30 shows a converter built with a NCP1012
delivering 6.5 W from a universal input. The board uses the
Dynamic Self−Supply and a simplified Zener−type
feedback. This configuration was selected for cost reasons
and a more precise circuitry can be used, e.g. based on a
TL431:
Figure 30. An NCP1012−Based Flyback Converter Delivering 6.5 W
1
2
J1
CEE7.5/2
D1
D2
E1
10
m/400 V
E2
10
m/16 V
2
3
7
2
1
GND
GND
GND
VCC
HV
FB
GND
IC1
NCP1012
R2
150 k
D5
U160
5
4
4
8
C2
2n2/Y
4
8
7
6
5
TR1
1
E3
470
m/25 V
D6
B150
R3
100 R
R4
180 R
2
1
ZD1
11 V
J2
CZM5/2
IC2
PC817
C1
2.2 nF
1N4007
1N4007
R1
47 R
D3
D4
1N4007
1N4007
The converter built according to Figure 31 layouts, gave
the following results:
• Efficiency at Vin = 100 Vac and Pout = 6.5 W = 75.7%
• Efficiency at Vin = 230 Vac and Pout = 6.5 W = 76.5%
Figure 31. The NCP1012−Based PCB Layout . . . and its Associated Component Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com