Electronic Components Datasheet Search
  English  ▼

X  

P1012AP13 Datasheet(PDF) 18 Page - ON Semiconductor

Part # P1012AP13
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP13 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button P1012AP13 Datasheet HTML 14Page - ON Semiconductor P1012AP13 Datasheet HTML 15Page - ON Semiconductor P1012AP13 Datasheet HTML 16Page - ON Semiconductor P1012AP13 Datasheet HTML 17Page - ON Semiconductor P1012AP13 Datasheet HTML 18Page - ON Semiconductor P1012AP13 Datasheet HTML 19Page - ON Semiconductor P1012AP13 Datasheet HTML 20Page - ON Semiconductor P1012AP13 Datasheet HTML 21Page - ON Semiconductor P1012AP13 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
18
MOSFET Protection
As in any Flyback design, it is important to limit the
drain excursion to a safe value, e.g. below the MOSFET
BVDSS which is 700 V. Figure 29 presents possible
implementations:
Figure 29. Different Options to Clamp the Leakage Spike
+
NCP101X
CVcc
HV
1
8
2
3
4
7
5
+
CVcc
HV
Rclamp
Cclamp
D
1
8
2
3
4
7
5
+
CVcc
HV
D
1
8
2
3
4
7
5
+
C
Dz
AB
C
NCP101X
NCP101X
Figure 29A: The simple capacitor limits the voltage
according to Equation 15. This option is only valid for low
power applications, e.g. below 5.0 W, otherwise chances
exist to destroy the MOSFET. After evaluating the leakage
inductance, you can compute C with Equation 15. Typical
values are between 100 pF and up to 470 pF. Large
capacitors increase capacitive losses.
Figure 29B: This diagram illustrates the most standard
circuitry called the RCD network. Rclamp and Cclamp are
calculated using the following formulas:
Rclamp
+
2 · Vclamp · (Vclamp
* (Vout ) Vf sec) · N)
Lleak · Ip2 ·Fsw
(eq. 27)
Cclamp
+
Vclamp
Vripple · Fsw · Rclamp
(eq. 28)
Vclamp is usually selected 50−80 V above the reflected
value N x (Vout + Vf). The diode needs to be a fast one and
a MUR160 represents a good choice. One major drawback
of the RCD network lies in its dependency upon the peak
current. Worse case occurs when Ip and Vin are maximum
and Vout is close to reach the steady−state value.
Figure 29C: This option is probably the most expensive of
all three but it offers the best protection degree. If you need
a very precise clamping level, you must implement a Zener
diode or a TVS. There are little technology differences
behind a standard Zener diode and a TVS. However, the die
area is far bigger for a transient suppressor than that of Zener.
A 5.0 W Zener diode like the 1N5388B will accept 180 W
peak power if it lasts less than 8.3 ms. If the peak current in
the worse case (e.g. when the PWM circuit maximum
current limit works) multiplied by the nominal Zener
voltage exceeds these 180 W, then the diode will be
destroyed when the supply experiences overloads. A
transient suppressor like the P6KE200 still dissipates 5.0 W
of continuous power but is able to accept surges up to 600 W
@ 1.0 ms. Select the Zener or TVS clamping level between
40 to 80 V above the reflected output voltage when the
supply is heavily loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com