Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA159 Datasheet HTML 34Page - Texas Instruments INA159 Datasheet HTML 35Page - Texas Instruments INA159 Datasheet HTML 36Page - Texas Instruments INA159 Datasheet HTML 37Page - Texas Instruments INA159 Datasheet HTML 38Page - Texas Instruments INA159 Datasheet HTML 39Page - Texas Instruments INA159 Datasheet HTML 40Page - Texas Instruments INA159 Datasheet HTML 41Page - Texas Instruments INA159 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
For optimized linearity and THD performance, use good printed circuit board (PCB) layout practice. For proper
heat dissipation of the INA851, connect the thermal pad to a plane or a large copper pour at the bottom
connected to VS– (see also Section 9.4.2).
9.2.3.2 Application Curves
Table 9-4 and Table 9-5 show the typical signal-to-noise (SNR) and total harmonic distortion (THD) of the
INA851 driving the ADS127L11 delta-sigma ADC at full-scale range and at different gain configurations.
The RC filter combination is dimensioned such to help attenuate the nonlinear charge kickback and optimize for
best THD performance. The ADC requires a low impedance input for lowest distortion performance; however,
driving heavier loads degrades the phase margin of the INA851. Use a feedback capacitor (CFB) in the range of
47 pF to 100 pF to optimize for stability versus THD performance. Low voltage-coefficient C0G capacitors are
used everywhere in the signal path (CFB, CDIFF, CCM) for their low distortion properties.
For other bandwidth requirements, adjust the feedback capacitor accordingly and verify the circuit performance
using a SPICE simulation using INA851 TINA-TI™ SPICE Model. Confirm that the desired circuit is stable; that
is, the FDA has more than a 45º phase margin.
Table 9-4. INA851 + ADS127L11 (Sinc4 Filter) FFT Data Summary
INPUT
AMPLITUDE
(Vpk)
RG RESISTOR
(Ω)
GIN (V/V)
GOUT (V/V)
SNR (dB)
THD (dB)
ENOB (Bits)
23.7378
None
1
0.2
106.8
–116.0
17.36
4.7476
None
1
1
105.9
–122.0
17.28
2.3738(1)
1500
5
0.2
107.2
–113.8
17.25
0.2374
316
20
1
102.5
–112.0
16.59
0.0475
60.4
100
1
92.5
–99.0
14.81
G = 0.2 V/V, fIN = 1 kHz, SNR = 106.75 dB, THD = –115.95 dB
Figure 9-10. Noise Performance FFT Plots with
Sinc4 Filter for G = 0.2 V/V
G = 0.2 V/V, fIN = 1 kHz, SNR = 105.88 dB, THD = –122.00 dB
Figure 9-11. Noise Performance FFT Plots with
Sinc4 Filter for G = 1 V/V
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com