Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-140
-130
-120
-110
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
G = 10
Figure 7-19. CMRR vs Temperature
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
10
100
1k
10k
100k
1M
10M
G = 0.2
G = 1
G = 10
G = 100
G = 1000
Figure 7-20. CMRR vs Frequency (RTI)
1-kΩ source imbalance
Figure 7-21. CMRR vs Frequency (RTI) Imbalance
Frequency (Hz)
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
Positive Supply PSRR(VS+)
Negative Supply PSRR(VS-)
Figure 7-22. PSRR vs Frequency (RTI)
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
100m
1
10
100
1k
10k
100k
1M
Figure 7-23. PSRR vs Frequency (RTI) of VCLAMP+
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
G = 1
G = 1*0.2
G = 10
G = 100
G = 1000
G = 5*0.2
Figure 7-24. Gain vs Frequency
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com