Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments INA159 Datasheet HTML 20Page - Texas Instruments INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Input Common-Mode Voltage (V)
11
11.5
12
12.5
13
13.5
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
-40 C
-20 C
25 C
60 C
85 C
125 C
Figure 7-37. Offset Voltage vs Positive Common-Mode Voltage
Output Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
12
12.5
13
13.5
14
14.5
15
-40 C
25 C
85 C
125 C
VO(max)
Figure 7-38. Positive Output Voltage Swing vs Output Current
Output Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-15
-14.5
-14
-13.5
-13
-12.5
-12
-40 C
25 C
85 C
125 C
VO(min)
Figure 7-39. Negative Output Voltage Swing vs Output Current
Output Current (mA)
0
5
10
15
20
25
-1
0
1
2
3
4
5
6
-40 C
25 C
85 C
125 C
VClamp+/-
Figure 7-40. Claw Curve of VCLAMP+/-
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-60
-40
-20
0
20
40
60
ISC, Source
ISC, Sink
Figure 7-41. Short Circuit Current vs Temperature
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
VS = 15 V
VS = 5 V
Figure 7-42. Large-Signal Frequency Response
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com