Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Input Offset Voltage ( V)
0
5
10
15
-35
-25
-15
-5
5
15
25
35
N = 150
Mean = –2.32 µV
Std. Dev. = 6.73 µV
Figure 7-1. Typical Distribution of
Input Stage Offset Voltage
Input Offset Voltage Drift ( V)
0
5
10
15
20
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
N = 82
Mean = 0.062 µV/°C
Std. Dev. = 0.0738 µV/°C
Figure 7-2. Typical Distribution of
Input Stage Offset Voltage Drift
Output Offset Voltage ( V)
0
5
10
15
-650
-450
-250
0
250
450
650
N = 150
Mean = –27.84 µV
Std. Dev. = 82.71 µV
G = 1 V/V
Figure 7-3. Typical Distribution of Output Offset Voltage
Output Offset Voltage ( V)
0
5
10
15
20
-1150 -950 -750 -550 -350 -150 0 150 350 550 750 950 1150
N = 150
Mean = –97.17 μV
Std. Dev. = 179.33 μV
G = 0.2 V/V
Figure 7-4. Typical Distribution of Output Offset Voltage
Output Offset Voltage Drift ( V/ C)
0
10
20
30
-15
-10
-5
0
5
10
15
N = 82
Mean = –4.98 µV/°C
Std. Dev. = 1.59 µV/°C
Figure 7-5. Typical Distribution of
Output Stage Offset Voltage Drift
Input Offset Current (nA)
0
10
20
30
-5
-4
-3
-2
-1
0
1
2
3
4
5
N = 53
Mean = –0.14 nA
Std. Dev. = 0.50 nA
Figure 7-6. Typical Distribution of
Input Offset Current
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com