Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA159 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments INA159 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
8.3.5 Output Clamping
The INA851 features a unique output clamping function that protects the downstream device against damage
that results from inadvertent over-driving. Usually the downstream device is an ADC that typically operates at a
lower supply voltage than the INA851.
To implement this function, use the VCLAMP+ and VCLAMP– pins to limit the supply voltage range of the
differential output drive amplifier. For typical operation, use a low-impedance connection from the pins to the
power supplies of the ADC. For proper operation of the clamp circuitry, set the VS+ or VS– supply voltages at
least 1.5 V beyond the respective VCLAMP+ and VCLAMP– clamping voltages. In addition, for the output driver
to function correctly, the VCLAMP+ and VCLAMP– voltages must be at least 3 V apart. If the output clamping
functionality is not desired, short the VCLAMP+ and VCLAMP– pins to the amplifier VS+ and VS– supply pins.
The output driver operates up to the VCLAMP+ or VCLAMP– limits without experiencing distortion. When the
clamping function is in use the output voltage is clamped at approximately 600 mV beyond the clamp voltage.),
so that the device output spans the full input range of the ADC. However, if the predriver output swings beyond
the VCLAMP+ or VCLAMP– voltage, the output driver begins to run out of headroom as a result of the clamped
supply voltage, shown in Figure 8-12.
The output is unable to swing greater than approximately 500 mV beyond the VCLAMP+ or VCLAMP– voltage (at
zero load), helping prevent or reduce damage to the ADC from overvoltage conditions.
The linear operation becomes distorted when the driver load becomes higher than 20 mA, see Figure 8-13.
Output Driver
VS+
OUT+
VS
OUT
VCLAMP+
VCLAMP
+
–
–
+
FDA_IN
FDA_IN+
FDA Input
+
–
–
+
Predriver
+
–
–
+
Figure 8-12. Simplified Schematic of Output Driver Clamping Structure
Note
Be aware that instead of providing an immediate hard-stop voltage limit, the output driver is not
clamped until VCLAMP+ or VCLAMP– voltage has been exceeded, and the driver starts to run out of
headroom. This configuration prevents distortion of the amplifier output when operating near the
VCLAMP+ and VCLAMP– rails. However, the output voltage exceeds VCLAMP+ and VCLAMP– by several
hundreds of millivolts before the clamps turn on strongly. When used in conjunction with several tens
of ohms of resistance between the amplifier output and ADC input pins (commonly implemented as
part of a low-pass filter for proper ADC acquisition), output clamping helps severely diminish any
potential damage to the ADC that can otherwise result.
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com