Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA821 Datasheet HTML 32Page - Texas Instruments INA821 Datasheet HTML 33Page - Texas Instruments INA821 Datasheet HTML 34Page - Texas Instruments INA821 Datasheet HTML 35Page - Texas Instruments INA821 Datasheet HTML 36Page - Texas Instruments INA821 Datasheet HTML 37Page - Texas Instruments INA821 Datasheet HTML 38Page - Texas Instruments INA821 Datasheet HTML 39Page - Texas Instruments INA821 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
9.2.2.1 Design Requirements
The requirements for the application driving the ADS8900B ADC are listed in the following table.
Table 9-1. Design Parameters
PARAMETER
VALUE
Differential to differential conversion
VINDIFF to VOUTDIFF
Supply voltages
VS± = ± 15 V, VDD = 5.2 V, VREF = 5 V
Full-scale range of ADC for FSR
FSR = ± 5 V
Driver configuration
See Table 9-2
Circuit bandwidth
f(–3dB) = 31.7 kHz
Output RC elements
See ADS8900B input requirements
To eliminate ground loops, unwanted parasitic effects, and distortion, use appropriate PCB layout and grounding
techniques (see also Section 9.4).
9.2.2.2 Application Curves
Table 9-2 show the typical signal-to-noise (SNR) and total harmonic distortion (THD) of the INA851 driving the
ADS8900B SAR ADC at full-scale range and at different gain configurations. The RC filter combination (RFIL,
CFIL) shown in Figure 9-6 helps attenuate the nonlinear charge kickback of the ADC and optimize for best
THD performance. The combination of the RC filter and the feedback capacitor CFB allow for the best trade-off
between harmonic distortion and maintaining stability of the FDA. Low voltage-coefficient C0G capacitors are
used everywhere in the signal path (CFB, CFIL) for the low-distortion properties.
For other bandwidth requirements, adjust the feedback capacitor accordingly, and verify the circuit performance
using a SPICE simulation using the INA851 TINA-TI™ SPICE Model. The amplifier output voltage must settle
within the ADC bit accuracy during the ADC acquisition time window. Verify the desired circuit is stable; that is,
the FDA has more than a 45º phase margin.
Table 9-2. INA851 + ADS8900B FFT Data Summary
INPUT AMPLITUDE
(Vpk)
RG RESISTOR (Ω)
GIN (V/V)
GOUT (V/V)
SNR (dB)
THD (dB)
ENOB (Bits)
23.7378
None
1
0.2
100.7
–117.3
16.42
4.7476
None
1
1
100.6
–122.7
16.41
0.2374
316
20
1
99.1
–112.0
16.10
0.0475
60.4
100
1
91.1
–99.0
14.64
G = 0.2 V/V, fIN = 1 kHz, SNR = 100.73 dB, THD = –117.28 dB
Figure 9-7. Noise Performance FFT Plots for
G = 0.2 V/V
G = 1 V/V, fIN = 1 kHz, SNR = 100.6 dB, THD = –122.74 dB
Figure 9-8. Noise Performance FFT Plots for
G = 1 V/V
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com