Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Output Differential Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-2
-1
0
1
2
G = 1 V/V
G = 5 x 0.2 V/V
VS± = ±4 V
Figure 8-5. Input Common-Mode Voltage vs Output
Voltage, Unity-Gain
Output Differential Voltage (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-15
-12
-9
-6
-3
0
3
6
9
12
15
G = 1 V/V
G = 5x0.2 V/V
VS± = ±15 V
Figure 8-6. Input Common-Mode Voltage vs Output
Voltage, Unity-Gains
Output Differential Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
G = 10x1 V/V
G = 100x1 V/V
VS± = ±4 V
High Gains
Figure 8-7. Input Common-Mode Voltage vs Output
Voltage, High Gains
Output Differential Voltage (V)
-28 -24 -20 -16 -12 -8
-4
0
4
8
12 16 20 24 28
-15
-12
-9
-6
-3
0
3
6
9
12
15
G = 10 x 1 V/V
G = 100 x 1 V/V
Figure 8-8. Input Common-Mode Voltage vs Output
Voltage, High Gains
Output Differential Voltage (V)
-3
-2
-1
0
1
2
3
-12
-9
-6
-3
0
3
6
9
12
15
18
21
G = 0.2 V/V
G = 0.5 V/V
G = 10 V/V
VS± = ±12 V
Vclamp+ = 5 V, Vclamp- = GND
Figure 8-9. Input Common-Mode Voltage vs Output Voltage With Output Clamping
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com