Electronic Components Datasheet Search
  English  ▼

X  

XE161FL Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # XE161FL
Description  16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FL Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button XE161FL Datasheet HTML 28Page - Infineon Technologies AG XE161FL Datasheet HTML 29Page - Infineon Technologies AG XE161FL Datasheet HTML 30Page - Infineon Technologies AG XE161FL Datasheet HTML 31Page - Infineon Technologies AG XE161FL Datasheet HTML 32Page - Infineon Technologies AG XE161FL Datasheet HTML 33Page - Infineon Technologies AG XE161FL Datasheet HTML 34Page - Infineon Technologies AG XE161FL Datasheet HTML 35Page - Infineon Technologies AG XE161FL Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
XE161FL, XE161HL
XE166 Family / Econo Line
Functional Description
Data Sheet
28
V1.2, 2012-07
3.5
Interrupt System
The architecture of the XE161xL supports several mechanisms for fast and flexible
response to service requests; these can be generated from various sources internal or
external to the microcontroller. Any of these interrupt requests can be programmed to be
serviced by the Interrupt Controller or by the Peripheral Event Controller (PEC).
Using a standard interrupt service the current program execution is suspended and a
branch to the interrupt vector table is performed. With the PEC just one cycle is ‘stolen’
from the current CPU activity to perform the PEC service. A PEC service implies a single
byte or word data transfer between any two memory locations with an additional
increment of either the PEC source pointer, the destination pointer, or both. An individual
PEC transfer counter is implicitly decremented for each PEC service except when
performing in the continuous transfer mode. When this counter reaches zero, a standard
interrupt is performed to the corresponding source-related vector location. PEC services
are particularly well suited to supporting the transmission or reception of blocks of data.
The XE161xL has eight PEC channels, each with fast interrupt-driven data transfer
capabilities.
With a minimum interrupt response time of 7/11
1) CPU clocks, the XE161xL can react
quickly to the occurrence of non-deterministic events.
Interrupt Nodes and Source Selection
The interrupt system provides 64 physical nodes with separate control register
containing an interrupt request flag, an interrupt enable flag and an interrupt priority bit
field. Most interrupt sources are assigned to a dedicated node. A particular subset of
interrupt sources shares a set of nodes. The source selection can be programmed using
the interrupt source selection (ISSR) registers.
External Request Unit (ERU)
A dedicated External Request Unit (ERU) is provided to route and preprocess selected
on-chip peripheral and external interrupt requests. The ERU features 4 programmable
input channels with event trigger logic (ETL) a routing matrix and 4 output gating units
(OGU). The ETL features rising edge, falling edge, or both edges event detection. The
OGU combines the detected interrupt events and provides filtering capabilities
depending on a programmable pattern match or miss.
Trap Processing
The XE161xL provides efficient mechanisms to identify and process exceptions or error
conditions that arise during run-time, the so-called ‘Hardware Traps’. A hardware trap
causes an immediate system reaction similar to a standard interrupt service (branching
1) Depending if the jump cache is used or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com