Electronic Components Datasheet Search
  English  ▼

X  

XE161FL Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # XE161FL
Description  16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FL Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button XE161FL Datasheet HTML 60Page - Infineon Technologies AG XE161FL Datasheet HTML 61Page - Infineon Technologies AG XE161FL Datasheet HTML 62Page - Infineon Technologies AG XE161FL Datasheet HTML 63Page - Infineon Technologies AG XE161FL Datasheet HTML 64Page - Infineon Technologies AG XE161FL Datasheet HTML 65Page - Infineon Technologies AG XE161FL Datasheet HTML 66Page - Infineon Technologies AG XE161FL Datasheet HTML 67Page - Infineon Technologies AG XE161FL Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
XE161FL, XE161HL
XE166 Family / Econo Line
Electrical Parameters
Data Sheet
60
V1.2, 2012-07
4.3.2
DC Parameters for Lower Voltage Area
Keeping signal levels within the limits specified in this table ensures operation without
overload conditions. For signal levels outside these specifications, also refer to the
specification of the overload current
I
OV.
Note: Operating Conditions apply.
Table 17
is valid under the following conditions:
V
DDP≥ 3.0 V;
V
DDPtyp.
3.3 V;
V
DDP≤ 4.5 V
Table 17
DC Characteristics for Lower Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Pin capacitance (digital
inputs/outputs).
C
IO CC
−−
10
pF
not subject to
production test
Input Hysteresis
1)
HYS CC 0.07 x
V
DDP
−−
V
R
S=0Ohm
Absolute input leakage
current on pins of analog
ports
2)
|
I
OZ1|
CC
−
10
200
nA
V
IN> VSS ;
V
IN< VDDP
Absolute input leakage
current for all other pins.
2)3)
|
I
OZ2|
CC
−
0.2
2
μA
T
J≤ 110 °C;
V
IN> VSS ;
V
IN< VDDP
−
0.2
6
μA
T
J≤ 150 °C;
V
IN> VSS ;
V
IN< VDDP
Pull Level Force Current
4)
|
I
PLF| SR
150
−−
μA
V
IN≥ VIHmin
(pulldown_ena
bled);
V
IN≤ VILmax
(pullup_enable
d) ;
Pull Level Keep Current
5)
|
I
PLK|
SR
−−
10
μA
V
IN≥ VIHmin
(pullup_enable
d);
V
IN≤ VILmax
(pulldown_ena
bled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com