Electronic Components Datasheet Search
  English  ▼

X  

XE161FL Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # XE161FL
Description  16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FL Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button XE161FL Datasheet HTML 37Page - Infineon Technologies AG XE161FL Datasheet HTML 38Page - Infineon Technologies AG XE161FL Datasheet HTML 39Page - Infineon Technologies AG XE161FL Datasheet HTML 40Page - Infineon Technologies AG XE161FL Datasheet HTML 41Page - Infineon Technologies AG XE161FL Datasheet HTML 42Page - Infineon Technologies AG XE161FL Datasheet HTML 43Page - Infineon Technologies AG XE161FL Datasheet HTML 44Page - Infineon Technologies AG XE161FL Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
XE161FL, XE161HL
XE166 Family / Econo Line
Functional Description
Data Sheet
37
V1.2, 2012-07
With its maximum resolution of 2 system clock cycles, the GPT2 module provides
precise event control and time measurement. It includes two timers (T5, T6) and a
capture/reload register (CAPREL). Both timers can be clocked with an input clock which
is derived from the CPU clock via a programmable prescaler or with external signals. The
counting direction (up/down) for each timer can be programmed by software or altered
dynamically with an external signal on a port pin (TxEUD). Concatenation of the timers
is supported with the output toggle latch (T6OTL) of timer T6, which changes its state on
each timer overflow/underflow.
The state of this latch may be used to clock timer T5, and/or it may be output on pin
T6OUT. The overflows/underflows of timer T6 can also be used to clock the CAPCOM2
timers and to initiate a reload from the CAPREL register.
The CAPREL register can capture the contents of timer T5 based on an external signal
transition on the corresponding port pin (CAPIN); timer T5 may optionally be cleared
after the capture procedure. This allows the XE161xL to measure absolute time
differences or to perform pulse multiplication without software overhead.
The capture trigger (timer T5 to CAPREL) can also be generated upon transitions of
GPT1 timer T3 inputs T3IN and/or T3EUD. This is especially advantageous when T3
operates in Incremental Interface Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com