Electronic Components Datasheet Search
  English  ▼

X  

XE161FL Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # XE161FL
Description  16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FL Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button XE161FL Datasheet HTML 95Page - Infineon Technologies AG XE161FL Datasheet HTML 96Page - Infineon Technologies AG XE161FL Datasheet HTML 97Page - Infineon Technologies AG XE161FL Datasheet HTML 98Page - Infineon Technologies AG XE161FL Datasheet HTML 99Page - Infineon Technologies AG XE161FL Datasheet HTML 100Page - Infineon Technologies AG XE161FL Datasheet HTML 101Page - Infineon Technologies AG XE161FL Datasheet HTML 102Page - Infineon Technologies AG XE161FL Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
XE161FL, XE161HL
XE166 Family / Econo Line
Electrical Parameters
Data Sheet
95
V1.2, 2012-07
Debug via JTAG
The following parameters are applicable for communication through the JTAG debug
interface. The JTAG module is fully compliant with IEEE1149.1-2000.
Note: These parameters are not subject to production test but verified by design and/or
characterization.
Note: Operating Conditions apply.
Table 38 is valid under the following conditions:
C
L= 20 pF; voltage_range= upper
Table 38
JTAG Interface Timing for Upper Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
TCK clock period
t
1 SR
100
1)
1) The debug interface cannot operate faster than the overall system, therefore
t
1 ≥ tSYS.
−−
ns
2)
2) Under typical conditions, the JTAG interface can operate at transfer rates up to 10 MHz.
TCK high time
t
2 SR
16
−−
ns
TCK low time
t
3 SR
16
−−
ns
TCK clock rise time
t
4 SR
−−
8ns
TCK clock fall time
t
5 SR
−−
8ns
TDI/TMS setup to TCK
rising edge
t
6 SR
6
−−
ns
TDI/TMS hold after TCK
rising edge
t
7 SR
6
−−
ns
TDO valid from TCK falling
edge (propagation delay)
3)
3) The falling edge on TCK is used to generate the TDO timing.
t
8 CC
−
29
32
ns
TDO high impedance to
valid output from TCK
falling edge
4)3)
4) The setup time for TDO is given implicitly by the TCK cycle time.
t
9 CC
−
29
32
ns
TDO valid output to high
impedance from TCK
falling edge
3)
t
10 CC
−
29
32
ns
TDO hold after TCK falling
edge
3)
t
18 CC
5
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com