Electronic Components Datasheet Search
  English  ▼

X  

TC9293FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9293FN
Description  Σ-∆ Modulation System DA Converter with Analog Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9293FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9293FN Datasheet HTML 1Page - Toshiba Semiconductor TC9293FN Datasheet HTML 2Page - Toshiba Semiconductor TC9293FN Datasheet HTML 3Page - Toshiba Semiconductor TC9293FN Datasheet HTML 4Page - Toshiba Semiconductor TC9293FN Datasheet HTML 5Page - Toshiba Semiconductor TC9293FN Datasheet HTML 6Page - Toshiba Semiconductor TC9293FN Datasheet HTML 7Page - Toshiba Semiconductor TC9293FN Datasheet HTML 8Page - Toshiba Semiconductor TC9293FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TC9293F/FN/N
2003-06-27
3
Pin Function
Pin No.
Symbol
I/O
Function
Remarks
1
VDD
Digital block power supply pin.
2
T1
I
Test pin. Normally, use at “L”.
3
S
P/
I
Parallel/serial mode select pin.
4
VDA
Analog power supply pin.
5
RO
O
R-ch analog output pin.
6
GNDA
Analog ground pin.
7
VR
Reference voltage pin.
8
GNDA
Analog ground pin.
9
LO
O
L-ch analog output pin.
10
VDA
Analog power supply pin.
11
R
L/
I
LRCK polarity switching pin.
12
GNDD
Digital ground pin.
13
MCK
O
System clock output pin.
14
GNDX
Crystal oscillator ground pin.
15
XI
I
16
XO
O
Crystal oscillator connection pin.
Generate the clock required by the system.
17
VDX
Crystal oscillator power supply pin.
18
LATCH
(BS)
I
Serial mode: Data latch signal input pin.
Parallel mode: De-emphasis filter mode select pin.
Shumitt input
19
SHIFT
(EMP)
I
Serial mode: Shift clock input pin.
Parallel mode: De-emphasis filter control pin.
Shumitt input
20
ATT (SM)
I
Serial mode: Data input pin.
Parallel mode: Soft mute control pin.
Shumitt input
21
HS
I
Standard/double speed operation control pin.
Standard operation at “H”, double speed operation at “L”.
22
DATA
I
Audio data input pin.
23
BCK
I
Bit clock input pin.
24
LRCK
I
LR clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com