Electronic Components Datasheet Search
  English  ▼

X  

TC9293FN Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9293FN
Description  Σ-∆ Modulation System DA Converter with Analog Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9293FN Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9293FN Datasheet HTML 4Page - Toshiba Semiconductor TC9293FN Datasheet HTML 5Page - Toshiba Semiconductor TC9293FN Datasheet HTML 6Page - Toshiba Semiconductor TC9293FN Datasheet HTML 7Page - Toshiba Semiconductor TC9293FN Datasheet HTML 8Page - Toshiba Semiconductor TC9293FN Datasheet HTML 9Page - Toshiba Semiconductor TC9293FN Datasheet HTML 10Page - Toshiba Semiconductor TC9293FN Datasheet HTML 11Page - Toshiba Semiconductor TC9293FN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TC9293F/FN/N
2003-06-27
8
7. Soft Mute Circuit
This IC is a built-in soft mute circuit, it is possible to do soft mute, when SM pin is changed “L” level to
“H” level during parallel mode.
Characteristic of soft mute ON/OFF and DA converter output level is as follows.
While output level is changing, it is not possible to accept soft mute ON/OFF control.
8. Description of Internal Control Signal
Parallel and serial modes can be selected by the
S
P/
pin. The controll functions are described as follow.
8-1
Parallel Mode (
S
P/
pin
==== “H”)
In parallel mode, pin 18, 19, 20 are set as follows.
Table 4 Pin Names at Parallel Mode
Pin No.
Pin Name
Function
18
BS
De-emphasis filter mode select pin.
19
EMP
De-emphasis filter control pin.
20
SM
Soft mute control pin.
Figure 9 Soft Mute DA Converter Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com