Electronic Components Datasheet Search
  English  ▼

X  

TC9293FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9293FN
Description  Σ-∆ Modulation System DA Converter with Analog Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9293FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9293FN Datasheet HTML 1Page - Toshiba Semiconductor TC9293FN Datasheet HTML 2Page - Toshiba Semiconductor TC9293FN Datasheet HTML 3Page - Toshiba Semiconductor TC9293FN Datasheet HTML 4Page - Toshiba Semiconductor TC9293FN Datasheet HTML 5Page - Toshiba Semiconductor TC9293FN Datasheet HTML 6Page - Toshiba Semiconductor TC9293FN Datasheet HTML 7Page - Toshiba Semiconductor TC9293FN Datasheet HTML 8Page - Toshiba Semiconductor TC9293FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TC9293F/FN/N
2003-06-27
4
Description of Block Operation
1. Crystal Oscillation Circuit and Timing Generator
Clock required for internal operation can be generated when crystal and capacitors are connected as
shown in the following figure.
Further, this converter is also operable when system clock is input from the outside through XI pin (pin
15).
However, a through consideration is required in this case because noise distortion and S/N ratio of the
DA converter are largely affected by qualities of wave form such as jitter, rising and falling characteristics,
etc. of system clock.
CL = 10~33 pF
Use a crystal having a low CI value and good statability.
The timing generator generates clock required for the digital filter, de-emphasis filter, interpolation filter
and process timing signal.
2. Data Input Circuit
DATA and LRCK are taken in the shift register in the LSI at the rising edge of BCK.
As shown in the following timing example, it is therefore necessary to input DATA and LRCK in
synchronism with the falling edge of BCK.
Further, because DATA has been to designed that 16 bits before the change point of LRCK are made
effective data.
Figure 1 Configuration of Crystal Oscillation Circuit.
Figure 2a Example of Input Timing Diagram ( R
L/
==== “L”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com