Electronic Components Datasheet Search
  English  ▼

X  

TC9293FN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC9293FN
Description  Σ-∆ Modulation System DA Converter with Analog Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9293FN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9293FN Datasheet HTML 5Page - Toshiba Semiconductor TC9293FN Datasheet HTML 6Page - Toshiba Semiconductor TC9293FN Datasheet HTML 7Page - Toshiba Semiconductor TC9293FN Datasheet HTML 8Page - Toshiba Semiconductor TC9293FN Datasheet HTML 9Page - Toshiba Semiconductor TC9293FN Datasheet HTML 10Page - Toshiba Semiconductor TC9293FN Datasheet HTML 11Page - Toshiba Semiconductor TC9293FN Datasheet HTML 12Page - Toshiba Semiconductor TC9293FN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TC9293F/FN/N
2003-06-27
9
8-2
Serial Mode (
S
P/
pin
==== “L”: for micro processor control use)
In serial mode, these ICs can be controlled by micro processor. The control function of pin 18, 19, 20
are as follows.
Table 5 Pin Names at Serial Mode
Pin No.
Pin Name
Function
18
LATCH
Data latch signal input pin
19
SHIFT
Shift clock signal input pin
20
ATT
Data input pin
LATCH and ATT signals are entered to the shift register of the LSI at the rising edge of SHIFT
signal.
Also, LATCH signal should rise after a minimum of 1.5
µs of the last data is shifted to the register.
If the shift pulse is changed while LATCH is Low, Mis-operation may occur. LATCH should be set at
Low level until after D7 is shifted into the register.
A
= more 1.5 µs B = more 1.5 µs
In serial control mode, the control features are as follows.
When this IC’s power is ON, all these data must be setting.
Table 6 Serial Mode Control
Serial Input Data
Control Signal
D7
0
1
D6
AT6
µBS
D5
AT5
µEMP
D4
AT4
D3
AT3
D2
AT2
D1
AT1
D0
AT0
AT0~6: Attenuation level setting
µBS: De-emphasis mode select
EMP: De-emphasis ON/OF select
Figure 10 Example for Serial Control Mode Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com