Electronic Components Datasheet Search
  English  ▼

X  

TC9293FN Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9293FN
Description  Σ-∆ Modulation System DA Converter with Analog Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9293FN Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9293FN Datasheet HTML 2Page - Toshiba Semiconductor TC9293FN Datasheet HTML 3Page - Toshiba Semiconductor TC9293FN Datasheet HTML 4Page - Toshiba Semiconductor TC9293FN Datasheet HTML 5Page - Toshiba Semiconductor TC9293FN Datasheet HTML 6Page - Toshiba Semiconductor TC9293FN Datasheet HTML 7Page - Toshiba Semiconductor TC9293FN Datasheet HTML 8Page - Toshiba Semiconductor TC9293FN Datasheet HTML 9Page - Toshiba Semiconductor TC9293FN Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TC9293F/FN/N
2003-06-27
6
Frequency characteristics of the digital filter are as follows: (double speed operation is same)
4. De-Emphasis Filter
The built-in digital de-emphasis circuit is available for three kinds of sampling frequency, fs of 32 kHz,
44.1 kHz, and 48 kHz. The selection is done as shown in the following table.
Table 3 Truth Table for De-Emphasis Filter Selection at Parallel Mode
LATCH (BS)
H
H
L
L
SHIFT (EMP)
H
L
H
L
MODE (fs SELECT)
32
48
44.1
OFF
(kHz)
Digitization of the de-emphasis filter has eliminated the necessity for external parts such as resistor,
capacitor, analog switch, etc.
Further, to reduce the characteristic error of the de-emphasis filter, coefficients have been adjusted. The
construction and characteristics of the de-emphasis filter are shown below.
Transfer function:
)
Z
a
(1
)
Z
b
b
(
(Z)
H
1
1
1
1
0
−
−
−
+
=
T1 = 50 µs, T2 = 15 µs
Figure 3 Digital Filter Frequency Characteristics (fs
==== 44.1 kHz)
Figure 4 Construction of IIR Type
Digital De-Emphasis Filter
Figure 5 Filter Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com