Electronic Components Datasheet Search
  English  ▼

X  

FH69 Datasheet(PDF) 4 Page - Hirose Electric

Part # FH69
Description  0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH69 Datasheet(HTML) 4 Page - Hirose Electric

  FH69 Datasheet HTML 1Page - Hirose Electric FH69 Datasheet HTML 2Page - Hirose Electric FH69 Datasheet HTML 3Page - Hirose Electric FH69 Datasheet HTML 4Page - Hirose Electric FH69 Datasheet HTML 5Page - Hirose Electric FH69 Datasheet HTML 6Page - Hirose Electric FH69 Datasheet HTML 7Page - Hirose Electric FH69 Datasheet HTML 8Page - Hirose Electric FH69 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FH69 Series/0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
Item
Specifications
Conditions
Insulation Resistance
500M Ω Min.
Measured at 100V DC
Withstanding Voltage
No flashover or insulation breakdown 
150V AC for 1 min.
Contact Resistance
Initial : 50m Ω , After Testing: 70m Ω Max.
Includes FPC/FFC conductor resistance.
Measured at 1mA (DC or 1000Hz)
Mating Durability
Contact Resistance : 70m Ω Max.
No damage, cracks or part dislocation.
10 times
Vibration Resistance
No electrical discontinuity of 1μ s Min.
Contact Resistance : 70m Ω Max.
No damage, cracks or part dislocation.
Frequency : 10 to 55 Hz, single amplitude of
0.75mm,
10 cycles in each of the 3 axis
Shock Resistance
No electrical discontinuity of 1μ s Min.
Contact Resistance : 70m Ω Max.
No damage, cracks or part dislocation.
Acceleration of 981m/s2, 6 ms duration, sine
halfwave,
3 cycles in each of the 3 axis
Steady-state Moisture
Resistance
Contact Resistance : 70m Ω Max.
Insulation Resistance : 50M Ω Min.
No damage, cracks or part dislocation.
Left for 1000 hours at 60℃ and humidity of 90 to
95%
Temperature Cycle
Contact Resistance : 70m Ω Max.
Insulation Resistance : 50M Ω Min.
No damage, cracks or part dislocation.
Temperature : -55 → +15 to +35 → +125 →
+15 to +35℃
Time : 30 → 2 to 3 → 30 → 2 to 3 minutes
Above conditions repeated for 5 cycles
Solder Heat Resistance 
No deformation in appearance or significant damage
to contacts.
Reflow : At the recommended temperature profile
Manual soldering : 400℃± 10℃ for 5 seconds
Note 1 : Includes the temperature rise due to current flow.
Note 2 : When using FFC the heat resistance is up to 105℃ . When the heat resistance of the FPC/FFC is less than 125℃ for FPC and 105℃ for FFC, the
heat resistance of the FPC/FFC is applicable.
Note 3 : Storage refers to long-term storage of products before board mounting. The operating temperature and humidity apply to the non-energized state after
mounting.
Material and Finish
Component
Material
Finish/Remarks
UL Standard
Insulation Case
LCP
Gray
UL94V-0
Actuator
PA 9T
Black
Contact
Copper Alloy
Partially Gold Plated
-
Retention Tab
Brass
Pure Tin Reflow Plating
Product Specifications
Rated Current
0.5A 
Operating Temperature (Note 1)(Note 2)
-55 to +125℃
Rated Voltage
50V AC/DC
Operating Humidity Range
RH 90% Max.
(No Condensation)
Storage Temperature (Note 3)
-10 to +50℃
Storage Humidity Range (Note 3)
RH 90% Max.
(No Condensation)
Recommended FPC/FFC Specifications
t=0.3 ± 0.05mm, Gold Plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com