Electronic Components Datasheet Search
  English  ▼

X  

FH69 Datasheet(PDF) 8 Page - Hirose Electric

Part # FH69
Description  0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH69 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH69 Datasheet HTML 4Page - Hirose Electric FH69 Datasheet HTML 5Page - Hirose Electric FH69 Datasheet HTML 6Page - Hirose Electric FH69 Datasheet HTML 7Page - Hirose Electric FH69 Datasheet HTML 8Page - Hirose Electric FH69 Datasheet HTML 9Page - Hirose Electric FH69 Datasheet HTML 10Page - Hirose Electric FH69 Datasheet HTML 11Page - Hirose Electric FH69 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FH69 Series/0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
Recommended FPC/FFC Layout
Contact No. 1 (Bottom Contact)
F ± 0.05
Contact No. 1 (Top Contact)
G ± 0.05
0.5 ± 0.07
0.5
C
0.35 ± 0.03(FPC)
0.3 ± 0.03(FFC)
nX
X
0.05
X
0.5 ± 0.07
2-R 0.2 ± 0.1
2-R 0.2 ± 0.1
2-R 0.2 ± 0.1
2-R 0.2 ± 0.1
2-R 0.2 ± 0.05
0.3 ± 0.05
G ± 0.05
Note : 'n' indicates the number of positions.
Part No.
HRS No.
No. of Pos.
C
F
G
FH69-10S-0.5SH(##)
Under Planning (Note)
10
4.5
7.15
5.5
FH69-20S-0.5SH(##)
Under Planning (Note)
20
9.5
12.15
10.5
FH69-30S-0.5SH(##)
Under Planning (Note)
30
14.5
17.15
15.5
FH69-40S-0.5SH(##)
Under Planning (Note)
40
19.5
22.15
20.5
FH69-50S-0.5SH(##)
Under Planning (Note)
50
24.5
27.15
25.5
FH69-60S-0.5SH(##)
CL0580-5007-0-##
60
29.5
32.15
30.5
Unit : mm
Note : Products without HRS No. are currently being planned for development. Please contact a Hirose representative regarding questions on pin count variation
development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com