Electronic Components Datasheet Search
  English  ▼

X  

FH69 Datasheet(PDF) 13 Page - Hirose Electric

Part # FH69
Description  0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH69 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FH69 Datasheet HTML 9Page - Hirose Electric FH69 Datasheet HTML 10Page - Hirose Electric FH69 Datasheet HTML 11Page - Hirose Electric FH69 Datasheet HTML 12Page - Hirose Electric FH69 Datasheet HTML 13Page - Hirose Electric FH69 Datasheet HTML 14Page - Hirose Electric FH69 Datasheet HTML 15Page - Hirose Electric FH69 Datasheet HTML 16Page - Hirose Electric FH69 Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
FH69 Series/0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
FPC Insertion or Removal while
Actuator is Closed
Twisting the FPC during FPC Insertion
or Removal
Insertion or Removal of FPC at an Excessive Angle
in Respect to the Board
Insertion or Removal Horizontal to the Board
OK
FPC Insertion
Opening Guide
Insertion : 10°
Removal : At an angle so that
     both FPC tabs lay
     over the housing
Actuator (Closed)
0°
FPC Insertion
Opening Guide
2. FPC Insertion and Extraction Method
・Insert the FPC fully at a 10°upward angle in respect to the board. Position both FPC tabs to the insertion opening guide
and then insert completely.
・When removing the FPC, pull it out upward in a diagonal direction so that both tabs lay over the housing boss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com