Electronic Components Datasheet Search
  English  ▼

X  

FH69 Datasheet(PDF) 16 Page - Hirose Electric

Part # FH69
Description  0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH69 Datasheet(HTML) 16 Page - Hirose Electric

Back Button FH69 Datasheet HTML 9Page - Hirose Electric FH69 Datasheet HTML 10Page - Hirose Electric FH69 Datasheet HTML 11Page - Hirose Electric FH69 Datasheet HTML 12Page - Hirose Electric FH69 Datasheet HTML 13Page - Hirose Electric FH69 Datasheet HTML 14Page - Hirose Electric FH69 Datasheet HTML 15Page - Hirose Electric FH69 Datasheet HTML 16Page - Hirose Electric FH69 Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
https://www.hirose.com
      
FH69 Series/0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
Precautions
【PCB Layout Precautions】
Design the board layout so that no load is applied to the connector FPC.
・Route the FPC so that it has leeway and is not pulled. Make sure that the reinforcing film is horizontal to the board
surface.
・Do not place interfering components under the FPC.
・Check with the FPC manufacture regarding FPC flexibility.
・When designing the board/ layout, ensure that there is enough space to operate and close the actuator.
・Consult with a Hirose representative about usage of FPC size and shape different from what is recommended.
Load on Reinforcement Film
Load on FPC
Case and Components Interfering
with FPC
No Load on Reinforcement Film
OK
Reinforcement Film (Flat)
Reinforcement Film (Slanted)
Reinforcement Film (Slanted))
【Board Mounting Precautions】
・Please check the recommended mounting PCB land shape, metal mask opening and FPC. When using a pattern different
from the recommendations, check the mounting condition before use.
・Check the mounting condition before use when there is silk printing below the connector.
・The reflow conditions must be within the specifications. Mounting conditions may be affected by the type of solder paste,
manufacturer, PCB size and other mounted components. Please check the mounting conditions before use.
・Keep board warpage to a minimum. The coplanarity of this connector is 0. 1mm Max. Soldering failure may occur due to
excessive board warpage.
・When mounting the FPC, design a reinforcing plate for easy handling. Reinforcing plates made of glass epoxy with a
thickness of 0. 3mm Min. are recommended.
・Do not apply excessive force to the connector before mounting, such as by pulling the emboss out from the reel or
suctioning the connector from the emboss. ( 0. 5N Max. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com