Electronic Components Datasheet Search
  English  ▼

X  

FH69 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH69
Description  0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH69 Datasheet(HTML) 2 Page - Hirose Electric

  FH69 Datasheet HTML 1Page - Hirose Electric FH69 Datasheet HTML 2Page - Hirose Electric FH69 Datasheet HTML 3Page - Hirose Electric FH69 Datasheet HTML 4Page - Hirose Electric FH69 Datasheet HTML 5Page - Hirose Electric FH69 Datasheet HTML 6Page - Hirose Electric FH69 Datasheet HTML 7Page - Hirose Electric FH69 Datasheet HTML 8Page - Hirose Electric FH69 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FH69 Series/0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector
Features
1. Industry's first top and
bottom 2-point contact
design prevents dust
intrusion.
The top and bottom two- point contacts with
springs prevent dust intrusion and enhance
contact reliability.
2- point contacts on the top and bottom prevent dust.
2. Greater Design Flexibility
Can be used with both top and bottom contacts
for enhanced product design.
Additionally, FH69' s back flip design greatly
increases the FPC/ FFC retention force in the
vertical direction.
Top Contact
Bottom Contact
FPC/FFC Contact Design Flexibility
Actuator Does
Not Open
Existing Front-flip
Actuators Open Easily
Enhanced Durability for
Upward Routing
3. Improved Workability
Even with the back- flip design, FH69 has a wide
mating port like existing front- flip types for easy
FPC/ FFC insertion. Additionally, since the product
is delivered with the actuator open, mating is
completed in the two simple steps of 1. FPC/ FFC
insertion, and 2. Closing the actuator.
Wide Mating Port Even with Back- flip Design
4. FPC/FFC Mis-mating
detection
Can detect mis- mating after FPC/ FFC insertion by
checking the location of the FPC/ FFC tabs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com