Electronic Components Datasheet Search
  English  ▼

X  

1300921 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1300921
Description  Digital module - AXL E PN DI8 DO8 EF M12 6M-L
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300921 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1300921 Datasheet HTML 1Page - PHOENIX CONTACT 1300921 Datasheet HTML 2Page - PHOENIX CONTACT 1300921 Datasheet HTML 3Page - PHOENIX CONTACT 1300921 Datasheet HTML 4Page - PHOENIX CONTACT 1300921 Datasheet HTML 5Page - PHOENIX CONTACT 1300921 Datasheet HTML 6Page - PHOENIX CONTACT 1300921 Datasheet HTML 7Page - PHOENIX CONTACT 1300921 Datasheet HTML 8Page - PHOENIX CONTACT 1300921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Number of inputs
8
Cable length
max. 30 m (to the sensor)
Connection method
M12 connector (A-coded)
Connection technology
4-conductor
Input voltage range "0" signal
0 V ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Nominal input voltage UIN
24 V DC
Nominal input current at UIN
typ. 2.5 mA
3000 µs
1000 µs (Default)
Input filter time
< 100 µs (Filter disabled)
Reverse polarity protection; yes
Short-circuit protection; yes
Protective circuit
Overload protection; yes
Output data
Digital
Output name
Digital outputs
Connection method
M12 connector (A-coded)
Connection technology
3-conductor
Number of outputs
8
Overload protection; yes
Protective circuit
Short-circuit protection; yes
Output voltage
24 V DC
Output current
2 A (per output)
Nominal output voltage
24 V DC (from UA)
Output voltage when switched off
max. 1 V
Output current when switched off
max. 300 µA
Nominal load, inductive
48 VA (1.2 H, 12 Ω, at nominal voltage, utilization category DC-
13)
Nominal load, ohmic
48 W (12 Ω, at nominal voltage)
Switching frequency
max. 1 per second (with inductive load)
Reverse voltage resistance to short pulses
no
Behavior with overload
Shutdown with automatic restart
Behavior with inductive overload
Output can be destroyed
Product properties
Type
Stand-Alone
Product type
I/O component
Insulation characteristics
Pollution degree
2 (IEC 60664-1, EN 60664-1)
Electrical properties
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
1300921
https://www.phoenixcontact.com/us/products/1300921
Nov 16, 2022, 7:18 AM
Page 3 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com