Electronic Components Datasheet Search
  English  ▼

X  

1300921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1300921
Description  Digital module - AXL E PN DI8 DO8 EF M12 6M-L
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1300921 Datasheet HTML 1Page - PHOENIX CONTACT 1300921 Datasheet HTML 2Page - PHOENIX CONTACT 1300921 Datasheet HTML 3Page - PHOENIX CONTACT 1300921 Datasheet HTML 4Page - PHOENIX CONTACT 1300921 Datasheet HTML 5Page - PHOENIX CONTACT 1300921 Datasheet HTML 6Page - PHOENIX CONTACT 1300921 Datasheet HTML 7Page - PHOENIX CONTACT 1300921 Datasheet HTML 8Page - PHOENIX CONTACT 1300921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Axioline E, Digital I/O device, PROFINET, M12 connector (D-coded), Digital inputs: 8, 24 V DC,
connection technology: 4-conductor, Digital outputs: 8, 24 V DC, 2 A, connection technology: 3-
conductor, with safe signal path, degree of protection: IP65/IP67
Product Description
The Axioline E device is designed for use within a PROFINET network. It is used to acquire and output digital signals. The device is suitable for use
without a control cabinet in harsh industrial ambient conditions. When using a safety relay module to shut down the supply voltage for the output
groups, you can shut down the outputs in a safety-related way. The outputs are then switched to the power off state independently of the control
signal.
Your advantages
Connection with M12 connectors with push-pull fast connection or screw connection
•
Mapping in accordance with PROFINET specification V2.4 as PROFINET device (Conformance Class C)
•
PROFINET Fast Startup function supported
•
PROFINET system redundancy S2 supported
•
PROFINET IRT supported with min. 1 ms cycle time
•
Passive safe outputs up to SIL 3 in accordance with IEC 61508, up to Cat. 4/PL e in accordance with EN ISO 13894-1
•
2 Ethernet ports (with integrated switch)
•
Transmission speed of 100 Mbps
•
Short-circuit and overload protection
•
IP65/IP67 degree of protection
•
Commercial Data
Item number
1300921
Packing unit
1 pc
Minimum order quantity
1 pc
Product Key
DRI7NA
GTIN
4063151545635
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
1300921
https://www.phoenixcontact.com/us/products/1300921
Nov 16, 2022, 7:18 AM
Page 1 (12)


Similar Part No. - 1300921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1300923 PHOENIX-1300923 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/0 DIO8 M12 6M-L
Nov 16, 2022
1300926 PHOENIX-1300926 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/4 EF M12 6M-L
Nov 16, 2022
More results

Similar Description - 1300921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
8446 PHOENIX-8446 Datasheet
303Kb / 18P
AXL E PN DI8 DO8 M12 6P
8535 PHOENIX-8535 Datasheet
339Kb / 25P
AXL E EC DI8 DO8 M12 6M
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
2701509 PHOENIX-2701509 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO8 M12 6P
Dec 9, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701518 PHOENIX-2701518 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO4 2A M12 6M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com