Electronic Components Datasheet Search
  English  ▼

X  

1300921 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1300921
Description  Digital module - AXL E PN DI8 DO8 EF M12 6M-L
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300921 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1300921 Datasheet HTML 1Page - PHOENIX CONTACT 1300921 Datasheet HTML 2Page - PHOENIX CONTACT 1300921 Datasheet HTML 3Page - PHOENIX CONTACT 1300921 Datasheet HTML 4Page - PHOENIX CONTACT 1300921 Datasheet HTML 5Page - PHOENIX CONTACT 1300921 Datasheet HTML 6Page - PHOENIX CONTACT 1300921 Datasheet HTML 7Page - PHOENIX CONTACT 1300921 Datasheet HTML 8Page - PHOENIX CONTACT 1300921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Data
Dimensions
Dimensional drawing
Width
60 mm
Height
212 mm
Depth
30.2 mm
Material specifications
Housing material
Zinc die-cast
Color
gray
Interfaces
PROFINET
Number of interfaces
2
Connection method
M12 connector (D-coded)
Note on the connection method
Push-pull screw fast connection or screw connection
Number of positions
4
Transmission speed
100 Mbps (with auto negotiation)
PROFINET protocols LLDP
PROFINET protocols MRP client
PROFINET protocols DCP
System-specific protocols
PROFINET protocols DCE-RPC
HTTP
Protocols supported
SNMP v1
System properties
PROFINET
Device function
PROFINET device
Update rate
1 ms
Conformance Class
C
Input data
Digital
Input name
Digital inputs
Description of the input
EN 61131-2 types 1 and 3
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
1300921
https://www.phoenixcontact.com/us/products/1300921
Nov 16, 2022, 7:18 AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com