Electronic Components Datasheet Search
  English  ▼

X  

1300921 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1300921
Description  Digital module - AXL E PN DI8 DO8 EF M12 6M-L
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300921 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1300921 Datasheet HTML 1Page - PHOENIX CONTACT 1300921 Datasheet HTML 2Page - PHOENIX CONTACT 1300921 Datasheet HTML 3Page - PHOENIX CONTACT 1300921 Datasheet HTML 4Page - PHOENIX CONTACT 1300921 Datasheet HTML 5Page - PHOENIX CONTACT 1300921 Datasheet HTML 6Page - PHOENIX CONTACT 1300921 Datasheet HTML 7Page - PHOENIX CONTACT 1300921 Datasheet HTML 8Page - PHOENIX CONTACT 1300921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Supply: Sensors
Designation
Supply of the logic and sensors (US)
Connection method
M12 connector (L-coded)
Number of positions
4
Supply voltage
24 V DC
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
typ. 65 mA
Current consumption
max. 16 A
Supply: Actuators
Designation
Supply of actuators (UA)
Connection method
M12 connector (L-coded)
Number of positions
4
Supply voltage
24 V DC (Nominal voltage)
Supply voltage range
18 V DC ... 30 V DC (including all tolerances, including ripple)
typ. 50 mA
Current consumption
max. 16 A
Connection data
Connection method
M12 connector
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C
Degree of protection
IP65/IP67
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Standards and regulations
Protection class
III (IEC 61140, EN 61140, VDE 0140-1)
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
1300921
https://www.phoenixcontact.com/us/products/1300921
Nov 16, 2022, 7:18 AM
Page 4 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com