Electronic Components Datasheet Search
  English  ▼

X  

1300921 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1300921
Description  Digital module - AXL E PN DI8 DO8 EF M12 6M-L
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1300921 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1300921 Datasheet HTML 4Page - PHOENIX CONTACT 1300921 Datasheet HTML 5Page - PHOENIX CONTACT 1300921 Datasheet HTML 6Page - PHOENIX CONTACT 1300921 Datasheet HTML 7Page - PHOENIX CONTACT 1300921 Datasheet HTML 8Page - PHOENIX CONTACT 1300921 Datasheet HTML 9Page - PHOENIX CONTACT 1300921 Datasheet HTML 10Page - PHOENIX CONTACT 1300921 Datasheet HTML 11Page - PHOENIX CONTACT 1300921 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Accessories
Snap-in markers
Snap-in markers - UCT-EM (20X9) - 0801471
https://www.phoenixcontact.com/us/products/0801471
Snap-in markers, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO,
TOPMARK LASER, BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK
CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK
CARD, mounting type: snapped, lettering field size: 20 x 9 mm, Number of
individual labels: 24
Plastic label
Plastic label - US-EMLP-HA (20X9) - 0830989
https://www.phoenixcontact.com/us/products/0830989
Plastic label, Card, white, unlabeled, can be labeled with:
BLUEMARK ID COLOR, BLUEMARK ID, THERMOMARK PRIME,
THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: adhesive,
lettering field size: 20 x 9 mm, Number of individual labels: 70
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
1300921
https://www.phoenixcontact.com/us/products/1300921
Nov 16, 2022, 7:18 AM
Page 9 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com