Electronic Components Datasheet Search
  English  ▼

X  

TDA7703R Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 3Page - STMicroelectronics TDA7703R Datasheet HTML 4Page - STMicroelectronics TDA7703R Datasheet HTML 5Page - STMicroelectronics TDA7703R Datasheet HTML 6Page - STMicroelectronics TDA7703R Datasheet HTML 7Page - STMicroelectronics TDA7703R Datasheet HTML 8Page - STMicroelectronics TDA7703R Datasheet HTML 9Page - STMicroelectronics TDA7703R Datasheet HTML 10Page - STMicroelectronics TDA7703R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TDA7703R
Block diagram and pin description
Rev 1.2
7/32
1.2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin #
Pin name
Description
1
LF1
PLL loopfilter output
2
TCAGCFM
FM AGC time constant
3
FMMIXDEC
FM mixer decoupling
4
FMIXIN
FM mixer input
5
GND-RF
RF Ground
6
FMPINDRV
FM AGC PIN diode driver
7
VCC-RF
5 V supply for RF section
8
TCAM
AM AGC time constant
9
PINDDEC
AM AGC internal PIN diode decoupling
10
PINDIN
AM AGC internal PIN diode input
11
GND-LNA
GND of AM LNA, AM internal PIN diode , AM mixer, IF
12
LNAIN
AM LNA input
13
LNADEC
AM LNA decoupling
14
LNAOUT
AM LNA output first stage
1
2
3
4
5
6
7
8
9
10
11
VCC-DAC
GND-1V2
VDD-1V2
RSTN
RDSINT
VDD-1V2
SCL
SDA
VDD-3V3
REG-1V2
VCCREG1V2
LF1
TCAGCFM
FMMIXDEC
FMMIXIN
GND-RF
FMPINDRV
VCC-RF
TCAM
PINDDEC
PINDIN
GND-LNA
LQFP44
33
32
31
30
29
28
27
26
25
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com