Electronic Components Datasheet Search
  English  ▼

X  

TDA7703R Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 7Page - STMicroelectronics TDA7703R Datasheet HTML 8Page - STMicroelectronics TDA7703R Datasheet HTML 9Page - STMicroelectronics TDA7703R Datasheet HTML 10Page - STMicroelectronics TDA7703R Datasheet HTML 11Page - STMicroelectronics TDA7703R Datasheet HTML 12Page - STMicroelectronics TDA7703R Datasheet HTML 13Page - STMicroelectronics TDA7703R Datasheet HTML 14Page - STMicroelectronics TDA7703R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TDA7703R
Function description
Rev 1.2
11/32
2.12
IO interface pins
The TDA7703R has the following IO pins:
All the inputs are voltage-tolerant up to 3.5 V . The outputs can drive currents up to 0.5 mA
from the internal 3.3 V supply line.
2.13
Serial interface
The device is controlled with a standard I2C bus interface.
Through the serial bus the processing parameters can be modifed and the signal quality
parameters and the RDS information can be read out.
The operation of the device is handled through high level commands sent by the main car-
radio µP through the serial interface, which allow to simplify the operations carried out in the
main µP. The high level commands include among others:
●
set frequency (which allows to avoid computing the PLL divider factors);
●
start seek (the seek operation can be carried out by the TDA7703R in a completely
autonomous fashion);
●
RDS seek/search (jumps to AF and quality measurements are automatically
sequenced).
The serial bus communication configuration is set by forcing pin 29 (RDSINT) to ground
when the RSTN line transitions from low to high (when RSTN is low, the IC is in reset mode).
The voltage level forced to pin 29 must be released to start the system operation a suitable
time after the RSTN line has gone high. The I2C address is 0xC2 (write) / 0xC3 (read).
The status of pin 29 during the reset phase can be set to low by not forcing any voltage on it
from outside, as a 50 k
Ω internal pull-down resistors is present.
To make sure the boot mode is correctly latched up at start-up, it is advisable to keep the
RSTN line low until the IC supply pins have reached their steady state, and then for an
additional time Treset (see Section 3.4.6).
I2C requires two signals: clock (SCL) and data (SDA - bidirectional). The protocol requires
an acknowledge after any 8-bit transmission.
A "write" communication example is shown in the figure below, for an unspecified number of
data bytes (see the relevant technical documentation for frame structure description):
Figure 3.
I2C "write" sequence
SDA
pin 26
serial communication with µP
SCL
pin 27
serial communication with µP
RDSINT
pin 29
RDS interrupt line towards µP
RSTN
pin 30
reset pin driven by µP
ACK
data
STOP
clk1
clk2
…
clk8
clk9
clk1
clk2
START
ACK
d7
d6
address
a0
…
d0
…
clk8
clk9
a7
a6
…
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com