Electronic Components Datasheet Search
  English  ▼

X  

TDA7703R Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 5Page - STMicroelectronics TDA7703R Datasheet HTML 6Page - STMicroelectronics TDA7703R Datasheet HTML 7Page - STMicroelectronics TDA7703R Datasheet HTML 8Page - STMicroelectronics TDA7703R Datasheet HTML 9Page - STMicroelectronics TDA7703R Datasheet HTML 10Page - STMicroelectronics TDA7703R Datasheet HTML 11Page - STMicroelectronics TDA7703R Datasheet HTML 12Page - STMicroelectronics TDA7703R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TDA7703R
Function description
Rev 1.2
9/32
2
Function description
2.1
FM - mixer
The FM image-rejection mixer is optimized for best performance with a passive wide-band
prestage.
The input frequency is downconverted to low IF with high image rejection.
2.2
FM - AGC
The programmable RFAGC senses the mixer input whereas the IFAGC senses the IFADC
input to avoid overload.
The PIN diode driver is able to drive external PIN diodes with a current value as high as
15mA.
The time constant of the FM-AGC is defined by an external capacitor.
2.3
AM - LNA
The AM-LNA is integrated with low noise and high IIP2 and IIP3. The gain of the LNA is
controlled by the AGC. The maximum gain is set with an external resistor, typically 28 dB
with 1.5 k
Ω.
2.4
AM - AGC
The programmable AM-RF-AGC senses the mixer inputs and controls the internal PIN diode
and LNA gain.
First the LNA gain is reduced by about 10dB, then the PIN diodes are activated to attenuate
the signal.
The time constant of the AM-AGC is defined with an external capacitor and programmable
internal currents.
2.5
AM - mixer
The AM mixer converts RF to low IF with high image rejection.
2.6
IF A/D converters
A high performance IQ-IFADC converts the IF-signal to digital IF for subsequent digital
signal processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com