Electronic Components Datasheet Search
  English  ▼

X  

TDA7703R Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 16Page - STMicroelectronics TDA7703R Datasheet HTML 17Page - STMicroelectronics TDA7703R Datasheet HTML 18Page - STMicroelectronics TDA7703R Datasheet HTML 19Page - STMicroelectronics TDA7703R Datasheet HTML 20Page - STMicroelectronics TDA7703R Datasheet HTML 21Page - STMicroelectronics TDA7703R Datasheet HTML 22Page - STMicroelectronics TDA7703R Datasheet HTML 23Page - STMicroelectronics TDA7703R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Electrical specifications
TDA7703R
20/32
Rev 1.2
3.5.2
AM MW overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms.
Figure 7.
AM MW input set up
Level referred to SG output before antenna dummy (Vrf, node 'A'); capacitive dummy
15pF+68pF, FM input not connected. Frf = 999 kHz (1000 kHz for US), Vrf =74 dBµV,
mod = 30%, faudio =400 Hz, unless otherwise specified.
Table 14.
AM MW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range MW Eu/Jp
(can be modified by the user)
531
1629
kHz
Tuning step MW Eu/Jp
(can be modified by the user)
9
kHz
Tuning range MW US
(can be modified by the user)
530
1710
kHz
Tuning step MW US
(can be modified by the user)
10
kHz
Sensitivity
S/N = 20 dB
29
32
dBµV
Ultimate S/N
@ 80 dBµV
63
66
dB
AGC F.O.M.
Ref.=74 dBµV
-10dB drop point
50
62
65
dB
Distortion
m = 80 %
0.1
%
Adjacent channel selectivity
ΔF=9 kHz, V
audio = -10 dBr
(relative to
ΔF = 0 kHz),
m=30%, 1 kHz
97
dB
Alternate channel selectivity
ΔF=18 kHz, V
audio = -10 dBr
(relative to
ΔF = 0 kHz),
m=30%, 1kHz
97
dB
Image rejection
80
dB
Logarithmic field strength
indicator
@60 dBµV
read “AM_Smeter_log”
0.50
(equiv.
to 57
dBµV)
0.47
0.43
(equiv.
to 63
dBµV)
-
PCB
UNDER
TEST
30
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
15pF
68pF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com