Electronic Components Datasheet Search
  English  ▼

X  

TDA7703R Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7703R Datasheet HTML 1Page - STMicroelectronics TDA7703R Datasheet HTML 2Page - STMicroelectronics TDA7703R Datasheet HTML 3Page - STMicroelectronics TDA7703R Datasheet HTML 4Page - STMicroelectronics TDA7703R Datasheet HTML 5Page - STMicroelectronics TDA7703R Datasheet HTML 6Page - STMicroelectronics TDA7703R Datasheet HTML 7Page - STMicroelectronics TDA7703R Datasheet HTML 8Page - STMicroelectronics TDA7703R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
January 2010
Rev 1.2
1/32
1
TDA7703R
Highly integrated tuner for AM/FM car radio
Features
■ Fully integrated VCO for world tuning
■ High performance PLL for fast RDS system
■ AM/FM mixers with high image rejection
■ Integrated AM-LNA and AM-PINDIODE
■ Automatic self alignment for image rejection
■ Digital IF signal processing, high performance
and drift-free
■ Integrated IF-filters with high selectivity, high
dynamic range and FM adaptive bandwidth
control
■ RDS demodulation with group and block
synchronization
■ High performance stereodecoder with
noiseblanker
■ I2C bus controlled
■ Single 5 V supply
■ LQFP44 package
Description
The TDA7703R highly integrated tuner (HIT44) is
part of a family of tuners for carradio applications.
It contains mixers and IF amplifiers for AM and
FM, fully integrated VCO and PLL synthesizer,
IF-processing including adaptive bandwidth
control (FM), stereo decoder and RDS decoder
on a single chip.
The utilization of digital signal processing results
in numerous advantages against today's tuners:
– Very low number of external components
– Very small space occupation and easy
application
– Very high selectivity due to digital filters
– High flexibility by software control
– Automatic image rejection alignment.
LQFP44
Table 1.
Device summary
Order code
Package
Packing
TDA7703R
LQFP44 (10x10x1.4mm)
Tray
TDA7703RTR
LQFP44 (10x10x1.4mm)
Tape and reel
www.st.com


Similar Part No. - TDA7703R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7703TR STMICROELECTRONICS-TDA7703TR Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
More results

Similar Description - TDA7703R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
logo
NTE Electronics
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com