Electronic Components Datasheet Search
  English  ▼

X  

AP43776 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP43776 Datasheet HTML 1Page - Diodes Incorporated AP43776 Datasheet HTML 2Page - Diodes Incorporated AP43776 Datasheet HTML 3Page - Diodes Incorporated AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
4 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Pin Descriptions
Pin Number
Pin Name
Function
1
CC1_A
Output to channel A Type-C CC or VCONN pin.
2
GND
Ground pin.
3
GPIO1
Multipurpose I/O pin. (define for UART application)
4
GPIO2
Multipurpose I/O pin. (define for UART application)
5
GPIO3
Multipurpose I/O pin. (define for NTC application)
6
SDA
Data pin of I2C. (define for communication with I2C-based Buck-Boost or Buck IC)
7
SCL
Clock pin of I2C. (define for communication with I2C-based Buck-Boost or Buck IC)
8
GPIO4
Multi-purpose I/O pin with current source. (defined for NTC application)
9
GPIO5
Multipurpose I/O pin. (define for LED indicator light)
10
GPIO6
Multipurpose I/O pin. (define for LED indicator light)
11
VCC
Power supply pin
12
GPIO7
General-purpose I/O pin. (define for V/I report of Buck-Boost or Buck IC)
13
GPIO8
General-purpose I/O pin. (define for V/I report of Buck-Boost or Buck IC)
14
DP_B
Connected to channel B Type-C DP pin.
15
DN_B
Connected to channel B Type-C DN pin.
16
DN_A
Connected to channel A Type-C DN pin.
17
DP_A
Connected to channel A Type-C DP pin.
18
CC1_B
Output to channel B Type-C CC or VCONN pin.
19
CC2_B
Output to channel B Type-C CC or VCONN pin.
20
CC2_A
Output to channel A Type-C CC or VCONN pin.
—
Exposed Pad
Connected to PCB Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com