Electronic Components Datasheet Search
  English  ▼

X  

AP43776 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated AP43776 Datasheet HTML 10Page - Diodes Incorporated AP43776 Datasheet HTML 11Page - Diodes Incorporated AP43776 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
9 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN4040-20 (Type A1)
W-QFN4040-20
(Type A1)
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
0.00
0.05
0.02
A3
0.203 REF
b
0.20
0.30
0.25
D
4.00 BSC
D2
1.95
2.05
2.00
E
4.00 BSC
E2
1.95
2.05
2.00
e
0.50 BSC
k
0.20
--
--
L
0.30
0.50
0.40
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN4040-20 (Type A1)
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
0.750
X2
2.000
X3
3.850
Y
0.750
Y1
0.300
Y2
2.000
Y3
3.850
Mechanical Data
Moisture Sensitivity: Level 1 per JESD22-A113
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.0408 grams (Approximate)
D2
E2
A
A1
A3
C 0 .3 5 x 4 5 °
L
e
D
E
k
b
C
Y3
X3
Y1
X1
Y2
X2
X
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com