Electronic Components Datasheet Search
  English  ▼

X  

AP43776 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP43776 Datasheet HTML 2Page - Diodes Incorporated AP43776 Datasheet HTML 3Page - Diodes Incorporated AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated AP43776 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
6 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Functional Overview
Function Description
The AP43776 is a highly integrated, dual-channel, USB Type-C PD3.1/ PPS/ QC5 protocol decoder, certified for USB-IF PD3.1/PPS Qualcomm
TM
QC5.0 compliance. To ensure two independent PD3.1 PPS protocol decoding operations are in full compliance with critical USB Power Delivery
specification rev 3.1 v1.1, the AP43776 implements a combination of hardware and MCU firmware to leverage quick response times from the
hardware and maintain software flexibility. To improve noise immunity during chip application, I2C communication is used between the PD
controller and DC/DC converter.
Bias and Power
The AP43776 operates from a single external supply source, VCC. VCC is used for analog circuitry and goes through internal regulators to
generate all of the voltage and current references for chip operation, without the need for external capacitor decoupling. The AP43776 has two
different power modes: normal and sleep. During normal operation, the AP43771 consumes under 3mA. During sleep mode, its current can be
reduced to around 0.5mA automatically.
PHY Transceiver
To leverage quick response times from the hardware circuitry, there are two sets of PHY transceivers embedded on the AP43776. Each PHY
transceiver consists of a BMC transceiver for processing USB PD protocol, and a D+/D- transceiver for supporting QC and FCP protocols. All
communications are half-duplex, and the Physical Layer provides collision avoidance to minimize communication errors during handshake. The
PHY transceiver includes CC detection logic; termination resistors and their switches, as required by USB PD specifications to implement
connection detection; plug orientation detection; and to establish USB DFP/UFP roles.
MCU and OTP/MTP ROM
The AP43776 has an MCU subsystem, which integrates an 8-bit 8051 processor, SRAM, and OTP ROM. The MCU subsystem is optimized for
user configurability of different topologies, support of different protocols, and low-power consumption at a low cost. With the embedded hardware
PHY transceivers offloading MCU processing, the AP43776 can handle two channels of PD handshakes efficiently through an MCU
simultaneously, and be compliant with critical USB Power Delivery specifications.
An OTP ROM is provided to store PD, QC, and FCP protocol firmware, and an MTP ROM is provided for user configuration table. Either in-system
programming or offline socket programming are provided for the OTP ROM and MTP ROM.
ADC
The AP43776 contains a 10-bit SAR (successive approximation register) ADC for analog to digital conversions. All GPIO inputs can be connected
to the internal analog multiplex busses through a switch. With the ADC voltage reference, VREF, being set at 2V, any input voltage, Vin, on the
GPIO can be digitized into a 10-bit digital code proportional to Vin/VREF. The sampling rate of ADC is 100KHz, but the firmware re-samples the
ADC output by 1ms/time, and some longer de-glitch time is used to qualify the ADC output code. Meanwhile, ADC is used to detect and monitor
analog signals on the non-GPIO pins like CC1/CC2/VCONN and DP/DN, and then come out the associated OVP protections.
I2C Interface
For USB Type-C PD charging system, the I2C interface pins (SCK, SDA) are used to communicate between the PD decoder and DC/DC
controller/converter to replace analog signal feedback with much higher noise immunity. The AP43776 is in charge of the CC1/CC2 or DP/DN
protocol handshake with the attached device, and deliver the voltage and current request to DC/DC controller/converter through I2C bus.
The AP43776, working as an I2C master device, keeps track of charging capability of each USB Type-C port through I2C interface pins at the
same time. Based on the user-specified and desired smart power-sharing options for the two charging ports, the AP43776 decides the final
charging profiles for each port.
GPIO Support
There are many GPIO pins that can be used to support customization features, like low voltage battery, power derating, thermal power derating,
LED light indication, fault status, and so on. The GPIO pin can also be used for UART communication to support four USB Type-C ports, and
some GPIOs support current sources for NTC temperature detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com