Electronic Components Datasheet Search
  English  ▼

X  

AP43776 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated AP43776 Datasheet HTML 10Page - Diodes Incorporated AP43776 Datasheet HTML 11Page - Diodes Incorporated AP43776 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
10 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Ordering Information
AP43776 X - X - F X X
13: 13 inch
Tape and Reel
Product Name
Packing
Package
Firmware Identification
Application Code
Firmware Code 1
A to Z or 0 to 9
Blank: Without Firmware
F: Firmware Loaded
Blank: Without Firmware
X
Firmware Code 2
A to Z or 0 to 9
Blank: Without Firmware
A to Z or 0 to 9
Blank: Without Firmware
ZDZ20 : W- QFN4040-20
(Type A1)
Part Number
Package (Note 6)
Marking ID
13
’’ Tape and Reel
Quantity
Part Number Suffix
AP43776ZDZ20-13
W-QFN4040-20
B4
3000/Tape and Reel
-13
Note:
6. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(Top View)
Y W X
XXX
XX : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com