Electronic Components Datasheet Search
  English  ▼

X  

AP43776 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP43776
Description  DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP43776 Datasheet HTML 4Page - Diodes Incorporated AP43776 Datasheet HTML 5Page - Diodes Incorporated AP43776 Datasheet HTML 6Page - Diodes Incorporated AP43776 Datasheet HTML 7Page - Diodes Incorporated AP43776 Datasheet HTML 8Page - Diodes Incorporated AP43776 Datasheet HTML 9Page - Diodes Incorporated AP43776 Datasheet HTML 10Page - Diodes Incorporated AP43776 Datasheet HTML 11Page - Diodes Incorporated AP43776 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP43776
Document number: DS43473 Rev. 5 - 2
9 of 12
www.diodes.com
September 2022
© Diodes Incorporated
AP43776
Electrical Characteristics (@ TA = +25°C, VCC = 5V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ADC SECTION
VADC_REF
ADC Reference Voltage
—
—
2.046
—
V
VOFFSET
ADC Offset Voltage
—
—
±4.0
—
mV
PROTECTION SECTION
VDP_OVP
VABCVDP_OVP
VDP_OVP
4.1
4.35
4.6
V
VDN_OVP
VDN_OVP
VDN_OVP
4.1
4.35
4.6
V
IVCONN_OCP
VCONN Overcurrent Protection
—
32
48
56
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com